| 전자부품 데이터시트 검색엔진 |
|
DS80C320-ECG 데이터시트(PDF) 39 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS80C320-ECG 데이터시트(HTML) 39 Page - Dallas Semiconductor |
|
39 / 42 page ![]() DS80C320/DS80C323 39 of 42 44-PIN TQFP PKG 44-PIN DIM MIN MAX A - 1.20 A1 0.05 0.15 A2 0.95 1.05 D 11.80 12.20 D1 10.00 BSC E 11.80 12.20 E1 10.00 BSC L 0.45 0.75 e 0.80 BSC B 0.30 0.45 C 0.09 0.20 56-G4012-001 NOTES: 1. DIMENSIONS D1 AND E1 INCLUDE MOLD MISMATCH, BUT DO NOT INCLUDE MOLD PROTRUSION; ALLOWABLE PROTRUSION IS 0.25 MM PER SIDE. 2. DETAILS OF PIN 1 IDENTIFIER ARE OPTIONAL BUT MUST BE LOCATED WITHIN THE ZONE INDICATED. 3. ALLOWABLE DAMBAR PROTRUSION IS 0.08 MM TOTAL IN EXCESS OF THE B DIMENSION; AT MAXIMUM MATERIAL CONDITION. PROTRUSION NOT TO BE LOCATED ON LOWER RADIUS OR FOOT OF LEAD. 4. CONTROLLING DIMENSIONS: MILLIMETERS. |