전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AGC-8-R 데이터시트(PDF) 2 Page - Cooper Bussmann, Inc.

부품명 AGC-8-R
상세설명  Fast-Acting 1/4 x 1 1?? Glass Tube Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COOPER [Cooper Bussmann, Inc.]
홈페이지  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

AGC-8-R 데이터시트(HTML) 2 Page - Cooper Bussmann, Inc.

  AGC-8-R Datasheet HTML 1Page - Cooper Bussmann, Inc. AGC-8-R Datasheet HTML 2Page - Cooper Bussmann, Inc. AGC-8-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIONS
Non-RoHS
RoHS
AC Voltage
AC Interrupting Rating (amps)
Typical DC Cold
Typical Melting
Typical Voltage
Part Number
Part Number
Rating
250
125
32
Resistance* (Ω)
I2t† AC
Drop‡
AGC-1⁄20
AGC-1⁄20-R
250
35
10,000
—
4.500
0.00773
0.67
AGC-1⁄10
AGC-1⁄10-R
250
35
10,000
—
12.565
0.000787
6.00
AGC-1⁄8
AGC-1⁄8-R
250
35
10,000
—
6.800
0.00131
4.67
AGC-3⁄16
AGC-3⁄16-R
250
35
10,000
—
4.900
0.00637
4.12
AGC-2⁄10
AGC-2⁄10-R
250
35
10,000
—
3.360
0.00435
4.51
AGC-1⁄4
AGC-1⁄4-R
250
35
10,000
—
2.300
0.0148
0.89
AGC-3⁄10
AGC-3⁄10-R
250
35
10,000
—
1.670
0.0208
2.88
AGC-3⁄8
AGC-3⁄8-R
250
35
10,000
—
1.203
0.0321
4.59
AGC-1⁄2
AGC-1⁄2-R
250
35
10,000
—
0.615
0.269
0.59
AGC-3⁄4
AGC-3⁄4-R
250
35
10,000
—
0.312
0.815
0.37
AGC-1
AGC-1-R
250
35
10,000
—
0.190
1.615
0.31
AGC-1-1⁄4
AGC-1-1⁄4-R
250
100
10,000
—
0.145
0.018
0.35
AGC-1-1⁄2
AGC-1-1⁄2-R
250
100
10,000
—
0.115
0.0149
0.27
AGC-2
AGC-2-R
250
100
10,000
—
0.078
0.00509
0.28
AGC-2-1⁄4
AGC-2-1⁄4-R
250
100
10,000
—
0.067
0.00588
0.26
AGC-2-1⁄2
AGC-2-1⁄2-R
250
100
10,000
—
0.057
0.00879
0.31
AGC-3
AGC-3-R
250
100
10,000
—
0.045
0.0167
0.25
AGC-4
AGC-4-R
250
200
10,000
—
0.030
0.0305
0.22
AGC-5
AGC-5-R
250
200
10,000
—
0.024
0.045
0.23
AGC-6
AGC-6-R
250
200
10,000
—
0.020
0.071
0.23
AGC-7
AGC-7-R
250
200
10,000
—
0.017
0.105
0.23
AGC-7-1⁄2
AGC-7-1⁄2-R
250
200
10,000
—
0.0146
——
AGC-8
AGC-8-R
250
200
10,000
—
0.014
0.152
0.19
AGC-9
AGC-9-R
250
200
10,000
—
0.012
0.21
0.18
AGC-10
AGC-10-R
250
200
10,000
—
0.008
0.492
0.20
AGC-12
AGC-12-R
32
——
1000
0.0070
——
AGC-14
AGC-14-R
32
——
1000
0.0062
——
AGC-15
AGC-15-R
32
——
1000
0.006
0.566
0.14
AGC-20
AGC-20-R
32
——
1000
0.004
1.438
0.12
AGC-25
AGC-25-R
32
——
1000
0.003
2.109
0.11
AGC-30
AGC-30-R
32
——
1000
0.002
3.807
0.12
AGC-35
AGC-35-R
32
——
70
0.0014
——
AGC-40
AGC-40-R
32
——
80
0.0019
——
* DCColdResistance(Measuredat≤10%ofratedcurrent)
† TypicalMeltingI2t(A2Sec)(I2twasmeasuredatlistedinterruptingratingandratedvoltage.)
‡ TypicalVoltageDrop(Voltagedropwasmeasuredat25°Cambienttemperatureatratedcurrent)
1113
BU-SB131067
Page 2 of 3
Data Sheet 2543



Html Pages

1 2 3