전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB53T 데이터시트(PDF) 1 Page - EUROQUARTZ limited

부품명 MB53T
상세설명  5 x 3.2 x 2.2mm SMD HCMOS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUROQUARTZ [EUROQUARTZ limited]
홈페이지  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

MB53T 데이터시트(HTML) 1 Page - EUROQUARTZ limited

  MB53T Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
5 x 3.2 x 2.2mm SMD HCMOS
MB53T TCXO
DESCRIPTION
Quick turnaround production
Low Jitter: 70ps peak to peak (typical)
Low phase noise: -114dBc at1kHz offset (133MHz)
Custom frequencies are easily configured
Supply voltages 2.8V, 3.0V or 3.3VDC
TCXO or VCTCXOs CMOS square wave output
The MB53T TCXO is packaged in 7 x 5mm, 4 pad ceramic SMD
package. The part has a squarewave (CMOS) output and a stability of
±2.5ppm over the temperature range -30° to +85°C. A 0.01mF
decoupling capacitor is built-in. The part may be specified as a TCXO
or a Voltage-Controlled TCXO (VCTCXO).
MB53T - OUTLINES AND DIMENSIONS
SPECIFICATION
Product Series Code
TCXO:
MB53T
VCTCXO:
VMB53T
Frequency Range:
1.0MHz to 200.0MHz
Output Waveform:
Squarewave, HCMOS
Initial Calibration Tolerance:
<±2.0ppm at +25°±2°C
Frequency Stability
vs. Temperature Change:
See table
vs. Ageing:
±1.0 ppm max. first year
vs. Voltage Change:
±0.3 ppm max. ±5% change
vs. Load Change:
±0.3 ppm max. ±10% change
vs. Reflow (SMD type):
±1.0ppm max. for one reflow
(Measured after 24 hours)
Supply Voltage:
+2.8VDC ±5%
+3.0VDC ±5%
+3.3VDC ±5%
Output Logic Levels:
Logic High: 90% Vdd min.
Logic Low: 10% Vdd max.
Rise and Fall Times:
10ns max.
Duty Cycle:
50±10% standard,
50±5% option
Start-up Time:
5ms typical, 10ms max.
Current Consumption
at 25.0MHz:
8mA max.
at 200.0MHz:
20mA max.
Output Load:
15pF
Storage Temperature:
-55~+125°C
RoHS Status:
RoHS Compliant and pB free
PART NUMBER FORMAT
Example:
MB53T 28 - 38.880 - 2.5 / -30+85
Control Voltage Centre: Standard = +1.5±1.0Volts (for all voltages)
Frequency Deviation:
±5.0ppm min. (Vcon = +1.5V±1.0V)
Slope Polarity:
Positive (increase of control voltage increases
output frequency.)
Input Impedance:
50k
minimum
Modulation Bandwidth: 20kHz minimum
Linearity:
±10% maximum
VMB53T VOLTAGE CONTROL SPECIFICATION
Offset
10Hz
100Hz
1kHz
10kHz
100k
Hz
MB53T at
133.333MHz
(dBc/Hz)
-76
-102
-114
-110
-100
SSB PHASE NOISE at 25°C
Frequency Stability (ppm)
±0.5
±1.0
±1.5
±2.0
±2.5
±3.0
Temperature
Range (°C)
0 ~ +50
P
P
P
P
P
P
-10 ~ +60
ASK
P
P
P
P
P
-20 ~ +70
x
P
P
P
P
P
-30 ~ +75
x
P
P
P
P
PP
-40 ~ +85
x
P
P
P
P
P
P
= available, x = not available, ASK = Please contact us
FREQUENCY STABILITY OVER TEMPERATURE
Series Description
TCXO: MB53T
VCTCXO: VMB53T
Supply Voltage
28: 2.8VDC
30: 3.0VDC
33: 3.3VDC
Frequency MHz
Stability ±ppm
Operating Temperature Range


유사한 부품 번호 - MB53T

제조업체부품명데이터시트상세설명
logo
Zibo Seno Electronic En...
MB53 ZSELEC-MB53 Datasheet
96Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Murata Manufacturing Co...
MB53101BAN MURATA-MB53101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB53101BBN MURATA-MB53101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB53101CAN MURATA-MB53101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB53101CBN MURATA-MB53101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

유사한 설명 - MB53T

제조업체부품명데이터시트상세설명
logo
EUROQUARTZ limited
MJ20 EUROQUARTZ-MJ20 Datasheet
235Kb / 1P
5 x 3.2 x 1.0mm SMD
XO32 EUROQUARTZ-XO32 Datasheet
240Kb / 1P
3.2 x 2.5 x 0.95mm SMD HCMOS
logo
Oscilent Corporation
432-12.0M-7DC-TNC OSCILENT-432-12.0M-7DC-TNC Datasheet
142Kb / 2P
5 x 3.2 SMD Ceramic HCMOS / TTL Output
434-12.0M-5DC-TNC OSCILENT-434-12.0M-5DC-TNC Datasheet
144Kb / 2P
5 x 3.2 SMD Ceramic HCMOS / TTL Output
435-12.0M-3DC-TTS OSCILENT-435-12.0M-3DC-TTS Datasheet
169Kb / 2P
3.2 x 2.5 SMD Ceramic HCMOS Output
logo
EUROQUARTZ limited
EM32T EUROQUARTZ-EM32T Datasheet
141Kb / 1P
HCMOS TCXO 3.2 x 2.5mm SMD
MB572T EUROQUARTZ-MB572T Datasheet
205Kb / 1P
7 x 5 x 2.3mm SMD HCMOS
MJ EUROQUARTZ-MJ Datasheet
156Kb / 1P
5 x 3.2 x 0.9mm SMD
XOB32 EUROQUARTZ-XOB32 Datasheet
207Kb / 2P
3.2 x 2.5 x 0.95mm SMD HCMOS
XOB53 EUROQUARTZ-XOB53 Datasheet
207Kb / 2P
5.0 x 3.2 x 1.2mm SMD HCMOS
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com