| 전자부품 데이터시트 검색엔진 |
|
STM8AFP52AA 데이터시트(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AFP52AA 데이터시트(HTML) 35 Page - STMicroelectronics |
|
35 / 114 page ![]() DocID14395 Rev 10 35/114 STM8AF52/62xx, STM8AF51/61xx Pinouts and pin description 113 20 16 - 8 - PF4/AIN12 I/O X X— — O1 X X Port F4 Analog input 12 — 21 17 - - - PF3/AIN11 I/O X X— — O1 X X Port F3 Analog input 11 — 22 18 - - - VREF+ S— — — — — — — ADC positive reference voltage — 23 19 13 9 9 VDDA S — — — — — — — Analog power supply — 24 20 14 10 10 VSSA S — — — — — — — Analog ground — 25 21 - - - VREF- S— — — — — — — ADC negative reference voltage — 26 22 - - - PF0/AIN10 I/O X X— — O1 X X Port F0 Analog input 10 — 27 23 15 - - PB7/AIN7 I/O X XX — O1 X X Port B7 Analog input 7 — 28 24 16 - - PB6/AIN6 I/O X XX — O1 X X Port B6 Analog input 6 — 29 25 17 11 11 PB5/AIN5 I/O X XX — O1 X X Port B5 Analog input 5 I2C_SDA [AFR6] 30 26 18 12 12 PB4/AIN4 I/O X XX — O1 X X Port B4 Analog input 4 I2C_SCL [AFR6] 31 27 19 13 13 PB3/AIN3 I/O X XX — O1 X X Port B3 Analog input 3 TIM1_ETR [AFR5] 32 28 20 14 14 PB2/AIN2 I/O X XX — O1 X X Port B2 Analog input TIM1_CH3N [AFR5] 33 29 21 15 15 PB1/AIN1 I/O X XX — O1 X X Port B1 Analog input 1 TIM1_CH2N [AFR5] 34 30 22 16 16 PB0/AIN0 I/O X XX — O1 X X Port B0 Analog input 0 TIM1_CH1N [AFR5] 35 - - - - PH4/TIM1_ETR I/O X X— — O1 X X Port H4 Timer 1 - trigger input — Table 13. STM8A microcontroller family pin description (continued) Pin number Pin name Input Output Main function (after reset) Default alternate function Alternate function after remap [option bit] |