전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8AFP52A8 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 STM8AFP52A8
상세설명  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AFP52A8 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button STM8AFP52A8 Datasheet HTML 27Page - STMicroelectronics STM8AFP52A8 Datasheet HTML 28Page - STMicroelectronics STM8AFP52A8 Datasheet HTML 29Page - STMicroelectronics STM8AFP52A8 Datasheet HTML 30Page - STMicroelectronics STM8AFP52A8 Datasheet HTML 31Page - STMicroelectronics STM8AFP52A8 Datasheet HTML 32Page - STMicroelectronics STM8AFP52A8 Datasheet HTML 33Page - STMicroelectronics STM8AFP52A8 Datasheet HTML 34Page - STMicroelectronics STM8AFP52A8 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 114 page
background image
DocID14395 Rev 10
31/114
STM8AF52/62xx, STM8AF51/61xx
Pinouts and pin description
113
Figure 6. STM8AF62xx LQFP/VFQFPN 32-pin pinout
1. HS stands for high sink capability.
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
910 11 12 13 14 1516
1
2
3
4
5
6
7
8
VCAP
VDD
VDDIO
AIN12/PF4
NRST
OSCIN/PA1
OSCOUT/PA2
VSS
PC3 (HS)/TIM1_CH3
PC2 (HS)/TIM1_CH2
PC1 (HS)/TIM1_CH1
PE5/SPI_NSS
PC7/SPI_MISO
PC6/SPI_MOSI
PC5/SPI_SCK
PC4 (HS)/TIM1_CH4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More