전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FR2A 데이터시트(PDF) 1 Page - Dc Components

부품명 FR2A
상세설명  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DCCOM [Dc Components]
홈페이지  http://www.dccomponents.com
Logo DCCOM - Dc Components

FR2A 데이터시트(HTML) 1 Page - Dc Components

  FR2A Datasheet HTML 1Page - Dc Components FR2A Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
VOLTAGE RANGE - 50 to 800 Volts
CURRENT - 4.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FR2A
THRU
FR2K
SMB ( DO-214AA )
NOTES : 1. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
2. Thermal Resistance (Junction to Ambient), 0.2x0.2in (5X5mm )
2
copper pads to each terminal.
3. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
Dimensions in inches and (millimeters)
Maximum DC Reverse Current
at Rated DC Blocking Voltage
VF
IR
uAmps
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
5.0
150
@TA = 25
oC
@TA = 100
oC
1.3
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75 C
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance (Note 2)
SYMBOL
VRRM
VDC
IFSM
TJ,TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
2.0
60
20
Amps
0C/ W
pF
Operating and Storage Temperature Range
IO
30
Typical Junction Capacitance (Note 1)
CJ
-65 to + 175
0 C
R
θJL
o
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
FEATURES
* Glass passivated junction
* ldeal for surface mounted applications
* Low leakage current
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 0.093 gram
*Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
* Polarity: As marked
FR2A
FR2B
FR2D
FR2G
FR2J
FR2K
50
100
200
400
600
800
35
70
140
280
420
560
50
100
200
400
600
600
Maximum Reverse Recovery Time (Note 3)
trr
nSec
150
250
500
.220(5.59)
.200(5.08)
.060(1.52)
.030(0.76)
.185(4.70)
.160(4.06)
.083(2.11)
.075(1.91)
2
336
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


유사한 부품 번호 - FR2A

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
FR2A PANJIT-FR2A Datasheet
59Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
FR2A SURGE-FR2A Datasheet
80Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes?
logo
Transys Electronics
FR2A TRSYS-FR2A Datasheet
195Kb / 3P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Won-Top Electronics
FR2A WTE-FR2A Datasheet
48Kb / 3P
2.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR2A MCC-FR2A Datasheet
622Kb / 3P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

유사한 설명 - FR2A

제조업체부품명데이터시트상세설명
logo
Dc Components
BA157 DCCOM-BA157 Datasheet
459Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR1A DCCOM-FR1A Datasheet
528Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
FR201 DCCOM-FR201 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR301 DCCOM-FR301 Datasheet
445Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR3A DCCOM-FR3A Datasheet
522Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
FSM101 DCCOM-FSM101 Datasheet
488Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
RGL34A DCCOM-RGL34A Datasheet
421Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
RL101F DCCOM-RL101F Datasheet
457Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
RS1A DCCOM-RS1A Datasheet
480Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
SM4933 DCCOM-SM4933 Datasheet
474Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com