| 전자부품 데이터시트 검색엔진 |
|
STM32L151RB 데이터시트(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151RB 데이터시트(HTML) 39 Page - STMicroelectronics |
|
39 / 131 page ![]() DocID17659 Rev 9 39/131 STM32L151x6/8/B, STM32L152x6/8/B Pin descriptions 47 61 - - H11 - PD14 I/O FT PD14 TIM4_CH3/LCD_SEG34 62 - - H10 - PD15 I/O FT PD15 TIM4_CH4/LCD_SEG35 63 37 F6 E12 - PC6 I/O FT PC6 TIM3_CH1/LCD_SEG24 64 38 E7 E11 - PC7 I/O FT PC7 TIM3_CH2/LCD_SEG25 65 39 E8 E10 - PC8 I/O FT PC8 TIM3_CH3/LCD_SEG26 66 40 D8 D12 - PC9 I/O FT PC9 TIM3_CH4/LCD_SEG27 67 41 D7 D11 29 PA8 I/O FT PA8 USART1_CK/MCO/LCD_COM0 68 42 C7 D10 30 PA9 I/O FT PA9 USART1_TX/LCD_COM1 69 43 C6 C12 31 PA10 I/O FT PA10 USART1_RX/LCD_COM2 70 44 C8 B12 32 PA11 I/O FT PA11 USART1_CTS/USB_DM/SPI1_MISO 71 45 B8 A12 33 PA12 I/O FT PA12 USART1_RTS/USB_DP/SPI1_MOSI 72 46 A8 A11 34 PA13 I/O FT JTMS/ SWDAT - 73 - - C11 - PH2 I/O FT PH2 - 74 47 D5 F11 35 VSS_2 S- VSS_2 - 75 48 E5 G11 36 VDD_2 S- VDD_2 - 76 49 A7 A10 37 PA14 I/O FT JTCK /SWCLK - 77 50 A6 A9 38 PA15 I/O FT JTDI TIM2_CH1_ETR/PA15/SPI1_NSS/ LCD_SEG17 78 51 B7 B11 - PC10 I/O FT PC10 USART3_TX/LCD_SEG28/LCD_SEG40/ LCD_COM4 79 52 B6 C10 - PC11 I/O FT PC11 USART3_RX/LCD_SEG29/LCD_SEG41/ LCD_COM5 80 53 C5 B10 - PC12 I/O FT PC12 USART3_CK/LCD_SEG30/LCD_SEG42/ LCD_COM6 81 - - C9 - PD0 I/O FT PD0 SPI2_NSS/TIM9_CH1 82 - - B9 - PD1 I/O FT PD1 SPI2_SCK Table 8. STM32L15xxx pin definitions (continued) Pins Pin name Main function(2) (after reset) Alternate functions |