| 전자부품 데이터시트 검색엔진 |
|
STM32L152C8 데이터시트(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152C8 데이터시트(HTML) 38 Page - STMicroelectronics |
|
38 / 131 page ![]() Pin descriptions STM32L151x6/8/B, STM32L152x6/8/B 38/131 DocID17659 Rev 9 41 - - L8 - PE10 I/O TC PE10 ADC_IN25/TIM2_CH2/COMP1_INP 42 - - M9 - PE11 I/O FT PE11 TIM2_CH3 43 - - L9 - PE12 I/O FT PE12 TIM2_CH4/SPI1_NSS 44 - - M10 - PE13 I/O FT PE13 SPI1_SCK 45 - - M11 - PE14 I/O FT PE14 SPI1_MISO 46 - - M12 - PE15 I/O FT PE15 SPI1_MOSI 47 29 G7 L10 21 PB10 I/O FT PB10 I2C2_SCL/USART3_TX/TIM2_CH3/ LCD_SEG10 48 30 H7 L11 22 PB11 I/O FT PB11 I2C2_SDA/USART3_RX/TIM2_CH4/LCD_SE G11 49 31 D6 F12 23 VSS_1 S- VSS_1 - 50 32 E6 G12 24 VDD_1 S- VDD_1 - 51 33 H8 L12 25 PB12 I/O FT PB12 SPI2_NSS/I2C2_SMBA/USART3_CK/ LCD_SEG12/ADC_IN18/COMP1_INP/ TIM10_CH1 52 34 G8 K12 26 PB13 I/O FT PB13 SPI2_SCK/USART3_CTS/LCD_SEG13/ ADC_IN19/COMP1_INP/TIM9_CH1 53 35 F8 K11 27 PB14 I/O FT PB14 SPI2_MISO/USART3_RTS/LCD_SEG14/ ADC_IN20/COMP1_INP/TIM9_CH2 54 36 F7 K10 28 PB15 I/O FT PB15 SPI2_MOSI/LCD_SEG15/ ADC_IN21/COMP1_INP/TIM11_CH1/ RTC_REFIN 55 - - K9 - PD8 I/O FT PD8 USART3_TX/LCD_SEG28 56 - - K8 - PD9 I/O FT PD9 USART3_RX/LCD_SEG29 57 - - J12 - PD10 I/O FT PD10 USART3_CK/LCD_SEG30 58 - - J11 - PD11 I/O FT PD11 USART3_CTS/LCD_SEG31 59 - - J10 - PD12 I/O FT PD12 TIM4_CH1/USART3_RTS/LCD_SEG32 60 - - H12 - PD13 I/O FT PD13 TIM4_CH2/LCD_SEG33 Table 8. STM32L15xxx pin definitions (continued) Pins Pin name Main function(2) (after reset) Alternate functions |