전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM6519APBBUB6F 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STM6519APBBUB6F
상세설명  4-pin Smart Reset?
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6519APBBUB6F 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STM6519APBBUB6F Datasheet HTML 5Page - STMicroelectronics STM6519APBBUB6F Datasheet HTML 6Page - STMicroelectronics STM6519APBBUB6F Datasheet HTML 7Page - STMicroelectronics STM6519APBBUB6F Datasheet HTML 8Page - STMicroelectronics STM6519APBBUB6F Datasheet HTML 9Page - STMicroelectronics STM6519APBBUB6F Datasheet HTML 10Page - STMicroelectronics STM6519APBBUB6F Datasheet HTML 11Page - STMicroelectronics STM6519APBBUB6F Datasheet HTML 12Page - STMicroelectronics STM6519APBBUB6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
STM6519
Typical application diagrams
Doc ID 022111 Rev 6
9/25
4
Typical application diagrams
Figure 5.
Typical application diagram - input, output and STM6519 device in one
voltage domain
Figure 6.
Typical application diagram - STM6519 device in a different voltage
domain than input and output
1.
Open-drain RST output type and fixed SR input logic threshold allows to use the device in different voltage
domains. To prevent entering test mode by creating a condition V(SR) > VCC + 1.1 V typ., VCC should be
powered up before or together with voltage on the SR input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25