전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP16CP05XTTR 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STP16CP05XTTR
상세설명  Low voltage 16-bit constant current LED sink driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP05XTTR 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STP16CP05XTTR Datasheet HTML 2Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 3Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 4Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 5Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 6Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 7Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 8Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 9Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Electrical characteristics
STP16CP05
6/27
Doc ID 12568 Rev 10
3
Electrical characteristics
VDD = 3.3 V to 5 V, TA = 25 °C, unless otherwise specified
Table 7.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIH
Input voltage high level
0.7VDD
VDD
V
VIL
Input voltage low level
GND
0.3VDD
V
IOH
Output leakage current
VOH = 20 V
1
μA
VOL
Output voltage
(Serial-OUT)
IOL = 1 mA
0.4
V
VOH
Output voltage
(Serial-OUT)
IOH = -1 mA
VDD-0.4V
V
IOL1
Output current
VO = 0.3 V, Rext = 4.2 kΩ
4.25
5
5.75
mA
IOL2
VO = 0.3 V, Rext = 1 kΩ
19
20
21
IOL3
VO = 1.3 V, Rext = 200 Ω
96
100
104
ΔI
OL1
Output current error
between bit
(All Output ON)
VO = 0.3 V, Rext = 4.2 kΩ
± 5
± 8
%
ΔI
OL2
VO = 0.3 V, Rext = 1 kΩ
± 1.5
± 3
ΔI
OL3
VO = 1.3 V, Rext = 200 Ω
± 1.2
± 3
RSIN(up)
Pull-up resistor
150
300
600
k
Ω
RSIN(down) Pull-down resistor
100
200
400
k
Ω
IDD(OFF1)
Supply current (OFF)
REXT = 1 kΩ
OUT 0 to 15 = OFF
4
mA
IDD(OFF2)
REXT = 250Ω
OUT 0 to 15 = OFF
11.2
IDD(ON1)
Supply current (ON)
REXT = 1 kΩ
OUT 0 to 15 = ON
4.5
IDD(ON2)
REXT = 250Ω
OUT 0 to 15 = ON
11.7
Thermal
Thermal protection
170
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com