| 전자부품 데이터시트 검색엔진 |
|
STP16CP05 데이터시트(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP16CP05 데이터시트(HTML) 10 Page - STMicroelectronics |
|
10 / 27 page ![]() Timing diagrams STP16CP05 10/27 Doc ID 12568 Rev 10 5 Timing diagrams Note: OUTn = ON when Dn = H OUTn = OFF when Dn = L Figure 8. Timing diagram Note: 1 Latch and Output Enable are level sensitive and ARE NOT synchronized with rising-or- falling edge of CLK signal. 2 When LE/DM1 terminal is low level, the latch circuits hold previous set of data 3 When LE/DM1 terminal is high level, the latch circuits refresh new set of data from SDI chain. 4 When OE/DM2 terminal is low level, the output terminals - Out0 to Out15 respond to data in the latch circuits, either '1' for ON or '0' for OFF 5 When OE/DM2 terminal is at high level, all output terminals will be switched OFF. Table 9. Truth table CLOCK LE/DM1 OE/DM2 Serial-IN OUT0 ............. OUT7 ................ OUT15 SDO H L Dn Dn ..... Dn - 7 ..... Dn -15 Dn - 15 L L Dn + 1 No change Dn - 14 H L Dn + 2 Dn + 2 ..... Dn - 5 ..... Dn -13 Dn - 13 X L Dn + 3 Dn + 2 ..... Dn - 5 ..... Dn -13 Dn - 13 X H Dn + 3 OFF Dn - 13 |