전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L1007C151MPWIT 데이터시트(PDF) 26 Page - Kemet Corporation

부품명 L1007C151MPWIT
상세설명  Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

L1007C151MPWIT 데이터시트(HTML) 26 Page - Kemet Corporation

Back Button L1007C151MPWIT Datasheet HTML 22Page - Kemet Corporation L1007C151MPWIT Datasheet HTML 23Page - Kemet Corporation L1007C151MPWIT Datasheet HTML 24Page - Kemet Corporation L1007C151MPWIT Datasheet HTML 25Page - Kemet Corporation L1007C151MPWIT Datasheet HTML 26Page - Kemet Corporation L1007C151MPWIT Datasheet HTML 27Page - Kemet Corporation L1007C151MPWIT Datasheet HTML 28Page - Kemet Corporation L1007C151MPWIT Datasheet HTML 29Page - Kemet Corporation L1007C151MPWIT Datasheet HTML 30Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
26
Z-SMS Features:
• Internal silver printed layer creates a closed circuit which acts as a magnetic
shield to minimize heat generation and crosstalk
• No need for grounding provides greater circuit design flexibility
• Several material types and a broad range of impedance values provide noise
countermeasures for various applications (10th digit in part number)
“A” Suppresses the XL component. Helps stop the reduction of the wave-form
integrity (digital wave-form overshoot, etc)
“B” Increases the Z characteristics sharply above 20MHz and is applicable for
radiated noise in the 100MHz-300MHz range. Especially effective on video
signal lines.
“C” Designed as a noise countermeasure for 200MHz-500MHz range where the
rise of the Z component is in the high frequency area.
“D” Intended for noise suppression around 200MHz. Effectively increase
attenuation
“E” The best material in the Z-SMS Series to suppress the XL component and stop
the reduction of the wave-form integrity while maintaining attenuation in the
high frequency area.
“F” Reduced DC resistance version for noise countermeasures around LSI power
supplies
Z-PMS Features:
• Low Rdc values reduce power dissipation and extend battery life
• No need for grounding provides greater circuit design flexibility
EIA
Case
Size
Metric
Dim.
Code
L
Length
(inches)
W
Width
(inches)
T
Thickness Maximum
(inches)
E
(inches)
0201
0603
0.6 ±0.03
(0.
2 ±0.001)
0.
30 ±0.03
(0.01
2 ±0.001)
0.
30 ±0.03
(0.01
2 ±0.001)
0.
15 ±0.05
(0.0
06 ±0.002)
0402
1005
1.00 ±0.05
(0.039 ±0.002)
0.50 ±0.05
(0.020 ±0.002)
0.50 ±0.05
(0.020 ±0.002)
0.25 ±0.10
(0.010 ±0.004)
0603
1608
1.6 ±0.15
(0.063 ±0.006)
0.8 ±0.15
(0.031 ±0.006)
0.8 ±0.15
(0.031 ±0.006)
0.3 ±0.2
(0.012 ±0.008)
0805
2125
2.0 +0.3/-.01
(0.079 +0.012/-0.004)
1.25 ±0.2
(0.049 ±0.008)
0.85 ±0.2
(0.033 ±0.008)
0.5 ±0.3
(0.020 ±0.012)
Multilayer Ferrite Chip Beads - Z-SMS/Z-PMS Series
Part Numbering Table
Dimension Table in millimeters (inches)
Z-SMS Applications:
• High frequency noise countermeasure in personal computers, digital cameras
and other information system products. For use on digital product clock lines
and general signal lines.
• Radiated noise suppression in computer or printer interfaces harness connectors.
• Noise suppression in video and other AV products
• Prevents interference between circuits in cellular phones (PHS, PDC, etc)
• Due to the closed internal circuit which acts as a magnetic shield, the “F”
material is extremely effective as a noise filter on LSI power supplies where
downsizing of components is needed.
Z-PMS Applications:
• High frequency noise countermeasures on the DC power supply line in
personal computers and other information system products
• Noise suppression in USB and IEEE1294 interface
• Prevents interference between circuits in mobile systems (PDC, PHS, PDA)
Operating Temperature:
• Z-SMS: -55ºC to +125ºC (includes self-generated heat)
• Z-PMS: -55ºC to +85ºC (includes self-generated heat)
E
T
W
L
Impedance
Examples: 150 = 15ΩΩ; 101 = 100ΩΩ; 102 = 1000ΩΩ
Material
A,B,C,D,E,F - Contact KEMET
for materials characteristics
Ferrite Bead
Z
C
0402
121
B
SMS
T
Case Size
0201
0603
0402
0805
Type
SMS = Standard for signal lines
PMS = For power supply lines
Specification
C = Commercial
Packaging Code
T = Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com