전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPF520 데이터시트(PDF) 2 Page - OPTEK Technologies

부품명 OPF520
상세설명  Fiber Optic Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTEK [OPTEK Technologies]
홈페이지  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF520 데이터시트(HTML) 2 Page - OPTEK Technologies

  OPF520_14 Datasheet HTML 1Page - OPTEK Technologies OPF520_14 Datasheet HTML 2Page - OPTEK Technologies OPF520_14 Datasheet HTML 3Page - OPTEK Technologies OPF520_14 Datasheet HTML 4Page - OPTEK Technologies OPF520_14 Datasheet HTML 5Page - OPTEK Technologies OPF520_14 Datasheet HTML 6Page - OPTEK Technologies OPF520_14 Datasheet HTML 7Page - OPTEK Technologies OPF520_14 Datasheet HTML 8Page - OPTEK Technologies OPF520_14 Datasheet HTML 9Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Fiber Optic Receiver
OPF520 Series
OPTEK Technology Inc.—
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Issue C
05/2013
Page 2 of 9
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Electrical/Optical Characteristics
4.75 ≤ VCC ≤ 5.25, Fiber Sizes ≤ 200µm, NA ≤ 0.35, TA = 25°C unless otherwise specified
Absolute Maximum Ratings
Storage Temperature
-55° C to +115° C
Operating Temperature
-40° C to +85° C
Lead Soldering Temperature (for 10 seconds)
260° C
Supply Voltage
-0.5 V to +7.0 V
Output Current
25 mA
Output Voltage
-0.5 V to +18.0 V
Open Collector Power Distribution
40mW
Fan Out (TTL)
5 (1)
Notes:
1.
8mA load (5 x 1.6 mA), RL = 560 Ω
2.
Use recommended test circuit below, but connect VO
to an independent voltage source with RL = 0.
3.
Use recommended test circuit below.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IOH
High Level Output Current
5
250
µA
VO = 18V, POC < -40 dBm, See Note 2
VOL
Low Level Output Voltage
0.2
0.5
V
IO = 8 mA, POC > +24 dBm, See Note2
ICCH
Supply Current, Output High
3.5
6.3
mA
VCC = 5.25 V, POC < -40 dBm, See Note 2
ICCL
Supply Current, Output Low
6.9
10
mA
VCC = 5.25 V, POC < -24 dBm, See Note 2
POC(H)
Peak Input Power Level, Output High
-40
dBm
λp = 850 nm
(Guaranteed Output High)
0.1
µW
POC(L)
Peak Input Power Level, Output Low
-25.4
-9.2
dBm
λp = 850 nm, IO = 8 mA
2.9
120
µW
(Guaranteed Output Low)
-24
-10
dBm
λp = 850 nm, IO = 8 mA
4.0
100
µW
-40ºC ≤ TA ≤ +85ºC
tr, tf
Rise, Fall Time
30
ns
tPDHL
Propagation Delay, Output High to Low
65
ns
tPDLH
Propagation Delay, Output Low to High
100
ns
PWD
Pulse Width Distortion
±30
%
POC = 20 dBm (peak), ƒ = 2.5 MHz, See Note 3
RoHS
Recommended Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com