전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LBS14063 데이터시트(PDF) 1 Page - SIPAT Co,Ltd

부품명 LBS14063
상세설명  140MHz High-Loss SAW Filter 1MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPAT [SIPAT Co,Ltd]
홈페이지  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS14063 데이터시트(HTML) 1 Page - SIPAT Co,Ltd

  LBS14063 Datasheet HTML 1Page - SIPAT Co,Ltd LBS14063 Datasheet HTML 2Page - SIPAT Co,Ltd LBS14063 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP LBS14063
Rev. Date
2004-12-9
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz High-Loss SAW Filter
1MHz Bandwidth
Part Number: LBS14063
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.9
140
140.1
Insertion Loss
dB
-
24.3
26
1 dB Bandwidth
MHz
1
1.05
-
3 dB Bandwidth
MHz
1.25
1.34
-
40 dB Bandwidth
MHz
-
2.48
2.6
Passband Variation
dB
-
0.3
1
Ultimate Rejection
dB
55
60
-
Absolute Delay
usec
-
2.77
3.5
Subatrate Material
Quartz
Ambient Temperature
°C
25
Package Size
DIP2212
(22.2x12.8x4.7mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


유사한 부품 번호 - LBS14063

제조업체부품명데이터시트상세설명
logo
SIPAT Co,Ltd
LBS14063 SIPAT-LBS14063 Datasheet
143Kb / 3P
140MHz High-Loss SAW Filter 1MHz Bandwidth
More results

유사한 설명 - LBS14063

제조업체부품명데이터시트상세설명
logo
SIPAT Co,Ltd
LBN14060 SIPAT-LBN14060 Datasheet
150Kb / 4P
140MHz High-Loss SAW Filter 35.05MHz Bandwidth
LBS14028 SIPAT-LBS14028 Datasheet
186Kb / 3P
140MHz SAW Filter 1MHz Bandwidth
LBS14059 SIPAT-LBS14059 Datasheet
147Kb / 4P
140MHz High-Loss SAW Filter 0.26MHz Bandwidth
LBS14063 SIPAT-LBS14063 Datasheet
143Kb / 3P
140MHz High-Loss SAW Filter 1MHz Bandwidth
LBS14086 SIPAT-LBS14086 Datasheet
139Kb / 3P
140MHz SAW Filter 1MHz Bandwidth
LBS14093 SIPAT-LBS14093 Datasheet
137Kb / 3P
140MHz SAW Filter 1MHz Bandwidth
LB140DS50 SIPAT-LB140DS50 Datasheet
149Kb / 3P
140MHz SAW Filter 1MHz Bandwidth
LBS14028 SIPAT-LBS14028 Datasheet
191Kb / 3P
140MHz SAW Filter 1MHz Bandwidth
LBS14086 SIPAT-LBS14086 Datasheet
144Kb / 3P
140MHz SAW Filter 1MHz Bandwidth
LBS14093 SIPAT-LBS14093 Datasheet
142Kb / 3P
140MHz SAW Filter 1MHz Bandwidth
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com