전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

164159-4 데이터시트(PDF) 5 Page - Tyco Electronics

부품명 164159-4
상세설명  Signal Contacts
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

164159-4 데이터시트(HTML) 5 Page - Tyco Electronics

  164159-4 Datasheet HTML 1Page - Tyco Electronics 164159-4 Datasheet HTML 2Page - Tyco Electronics 164159-4 Datasheet HTML 3Page - Tyco Electronics 164159-4 Datasheet HTML 4Page - Tyco Electronics 164159-4 Datasheet HTML 5Page - Tyco Electronics 164159-4 Datasheet HTML 6Page - Tyco Electronics 164159-4 Datasheet HTML 7Page - Tyco Electronics 164159-4 Datasheet HTML 8Page - Tyco Electronics 164159-4 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
13
Catalog 65910
Dimensions are in inches and
Dimensions are shown for
Technical Support
Revised 7-07
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
Central America: 52-55-5-729-0425
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
South America: 55-11-3611-1514
are metric equivalents.
Mexico: 01-800-733-8926
www.tycoelectronics.com
AMP Precision Pin and Socket Contacts
Signal Contacts (Continued)
Material and Finish — See chart.
Contact Body—Copper Nickel Alloy
Retention Spring—Stainless steel
Related Product Data
Application Tooling — Pages 75-78
Technical Documents
114-10004 Application Specification
108-10024-2 Product Specification
Enhanced High Current
Type III+, Crimp, Snap-In
Ratings
Multiplication Rating Factor (F)
Pin
Socket
[.0625
+.0010
–.0020
[1.588
+0.025]
–0.051
Dia.
Max.
Dia.
Pin Body
Spring, Stainless Steel
Spring,
Stainless Steel
Ferrule, Brass,
Nickel Flash
.530±.010
[13.46±0.25]
.113
[2.87]
.390
[9.91]
Min.
Contact Size 16—Pin Diameter .062 [1.57]
Wire Size
Ins.
Contact
Strip Form
Loose Piece
Tooling Part No.**
Range
Dia.
Finish
Contact No.
Contact No.
Loose Piece
Strip Form
AWG
mm2
Range
Pin
Socket
Pin
Socket
Hand Tool
Applicators
466326-□***
.080-.1001
Gold
1-66359-6
1-66358-9
1-66361-4
1-66360-4
91519-13
or
18-14
0.8-2.0
2.03-2.54
Tin
1-66359-9
2-66358-1
1-66361-6
1-66360-6
466923-2***
.110-.1502
Gold
1-66597-0
1-66598-1
66602-9
1-66601-0
466958-1***
2.79-3.81
Tin
1-66597-1
1-66598-2
1-66602-0
1-66601-2
91521-13
or
567364-□***
Socket
Pin
1
Overall insulation crimp diameter, including crimp barrel, must not exceed .125 [3.18].
2
Contacts can ONLY be used in CPC, Series 1 (Arr. 23-24), Series 4 (Arr. 23-13M, 23-16M, 23-22M), and VDE connectors.
3
To use with the 626 Pneumatic Tool System: remove the crimping head from the Straight Action Hand Tool (SAHT) Assembly,
order SAHT Adapter
Part No. 217201-1, Adapter Holder Part No. 356304-1 (with ratchet) or 189928-1 (without), and
Power Unit
Part No. 189721-1 (hand actuated) or 189722-1 (foot actuated).
**There are power options available for these tools/dies. See Battery Powered Crimp tool Kit and SDE Electric Terminator on page 30.
*** Call Technical Support for Automatic Machine Applicator Part Numbers.
Note: All part numbers are RoHS compliant.
Voltage:
250 Volts AC/DC
600 Volts AC/DC, Series I, VDE tested and select loaded only
Base Current: Type III+ contacts: 17 amperes, 30˚C temperature rise with single contact on 14 AWG wire
Enhanced High Current Type III+ contacts: 25 amperes, 30˚C temperature rise with single contact on 14 AWG wire
Temperature: -55˚C to +105˚C
VDE 0627:
XA/630/4KV/2 - Series I, VDE tested only
Type III+ Contacts (Note: 1 = 17 amperes)
Single Circuit
≅ 50%
100%
Shell Size
Wire Size
Wire Size
Wire Size
30 AWG
14 AWG
30 AWG
14 AWG
30 AWG
14 AWG
11-4
.291
1
.212
.905
.140
.684
13-9
.278
.995
.175
.750
.134
.567
17-16
.270
.990
.146
.625
.127
.472
23-24
.281
.985
.138
.550
.120
.416
23-37
.275
.985
.131
.497
.114
.376
Enhanced High Current Type III+ Contacts (14 AWG wire only - Note: 1 = 25 amperes)
Single Circuit
≅ 50%
100%
Shell Size
14 AWG
14 AWG
14 AWG
11-4
.880
.840
.640
13-9
.880
.640
.480
17-16
.880
.520
.400
23-24
.880
.520
.400
23-37
.880
.440
.320
Percent Connector Loading
Percent Connector Loading
Enhanced High Current Contacts & M Series Connectors:
(Note: 1 = 24 amperes)
Single Circuit
≅ 50%
≅ 100%
14 AWG
14 AWG
14 AWG
1
.292
.250
Enhanced High Current Contacts & Metrimate Connectors:
(Note: 1 = 24 amperes)
Single Circuit
≅ 50%
≅ 100%
14 AWG
14 AWG
14 AWG
1
.458
.375



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com