전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD1117DT12CTR 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 LD1117DT12CTR
상세설명  Adjustable and fixed low drop positive voltage regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117DT12CTR 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button LD1117DT12CTR Datasheet HTML 23Page - STMicroelectronics LD1117DT12CTR Datasheet HTML 24Page - STMicroelectronics LD1117DT12CTR Datasheet HTML 25Page - STMicroelectronics LD1117DT12CTR Datasheet HTML 26Page - STMicroelectronics LD1117DT12CTR Datasheet HTML 27Page - STMicroelectronics LD1117DT12CTR Datasheet HTML 28Page - STMicroelectronics LD1117DT12CTR Datasheet HTML 29Page - STMicroelectronics LD1117DT12CTR Datasheet HTML 30Page - STMicroelectronics LD1117DT12CTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
DocID2572 Rev 33
27/44
LD1117
Package mechanical data
Table 16. TO-220 mechanical data (type STD-ST Single Gauge)
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c
0.48
0.70
D
15.25
15.75
E
10
10.40
e
2.40
2.70
e1
4.95
5.15
F
0.51
0.60
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
∅P
3.75
3.85
Q
2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44