| 전자부품 데이터시트 검색엔진 |
|
LDCL015M33R 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LDCL015M33R 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 17 page ![]() Maximum ratings LDCL015 6/17 DocID022166 Rev 3 4 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 3. Absolute maximum ratings Symbol Parameter Value Unit VIN Input supply voltage -0.3 to +7 V VOUT Output voltage -0.3 to VIN +0.3 V IOUT Output current Internally limited A EN, ADJ Enable and feedback pin voltage -0.3 to +VIN +0.3 V PD Power dissipation Internally limited W ESD Machine model ±300 V Human body model ±3000 TJ-OP Operating junction temperature -40 to 125 °C TJ-MAX Maximum junction temperature 150 °C TSTG Storage temperature -65 to 150 °C Table 4. Thermal data Symbol Parameter Value Unit RthJC Thermal resistance junction-case 81 °C/W RthJA Thermal resistance junction-ambient 255 °C/W |