| 전자부품 데이터시트 검색엔진 |
|
ZSSC1856 데이터시트(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZSSC1856 데이터시트(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 179 page ![]() ZSSC1856 Intelligent Battery Sensor IC Data Sheet April 24, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev.1.00 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice. 21 of 178 Figure 2.2 Functional Block Diagram ZSSC1856 Stacked Die SBC Microcontroller Analog Block Digital Block CAR BODY PGA MUX UBAT LIN GPIO: SPI, I 2C™, UART VDDP_REG BG_REF WD_TIMER VDDC_REG OSC GP_TIMER GPIO: SPI, I 2C ™, UART LP_REG VDDA_REG RAM FLASH µC DIGITAL FILTER CONFIG REGISTER RESULT REGISTER SPI DIGITAL FILTER CALIBRATION DATA PATH SHUNT + – BATTERY SD_ADC SD_ADC RREF NTC LIN_PHYS LIN UART During the Standby and the Sleep Modes (e.g., engine off), the system periodically measures the values to monitor the discharge of the battery. Measurement cycles are controlled by the software and are dependent on the detected events. The ZSSC1856 is designed for low-power consumption during Sleep Mode in the range of less than 100µA. |