전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IFMD20105 데이터시트(PDF) 3 Page - Hammond Manufacturing Ltd.

부품명 IFMD20105
상세설명  Armoire autoportante modulaire pour sectionneur en acier doux de type 12
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

IFMD20105 데이터시트(HTML) 3 Page - Hammond Manufacturing Ltd.

  IFMD20105 Datasheet HTML 1Page - Hammond Manufacturing Ltd. IFMD20105 Datasheet HTML 2Page - Hammond Manufacturing Ltd. IFMD20105 Datasheet HTML 3Page - Hammond Manufacturing Ltd. IFMD20105 Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Cabinet Depth
Without Bridge Panel
With Bridge Panel
(mm)
(inch)
(inch)
400
14.63
13.88
500
18.5
17.75
600
22.5
21.75
800
30.38
29.63
Part No.
Nominal Dimensions
Overall Dimensions
Panel Dimensions
Ship Wt.
A x B x C (mm)
A
B
C
D
E
F
Height
Width
lbs
IFMD1885
1800 x 800 x 500
77.31
31.50
19.63
66.81
17.00
10.50
68.75
26.25
295
IFMD1886
1800 x 800 x 600
77.31
31.50
23.63
66.81
17.00
10.50
68.75
26.25
300
IFMD1888
1800 x 800 x 800
77.31
31.50
31.50
66.81
17.00
17.50
68.75
26.25
320
IFMD18105
1800 x 1000 x 500
77.31
39.37
19.63
66.81
24.06
10.50
68.75
34.12
345
IFMD18106
1800 x 1000 x 600
77.31
39.37
23.63
66.81
24.06
10.50
68.75
34.12
350
IFMD18108
1800 x 1000 x 800
77.31
39.37
31.50
66.81
24.06
17.50
68.75
34.12
360
IFMD2085
2000 x 800 x 500
86.06
31.50
19.63
75.56
17.00
10.50
77.50
26.25
310
IFMD2086
2000 x 800 x 600
86.06
31.50
23.63
75.56
17.00
10.50
77.50
26.25
320
IFMD2088
2000 x 800 x 800
86.06
31.50
31.50
75.56
17.00
17.50
77.50
26.25
340
IFMD20105
2000 x 1000 x 500
86.06
39.37
19.63
75.56
24.06
10.50
77.50
34.12
375
IFMD20106
2000 x 1000 x 600
86.06
39.37
23.63
75.56
24.06
10.50
77.50
34.12
385
IFMD20108
2000 x 1000 x 800
86.06
39.37
31.50
75.56
24.06
17.50
77.50
34.12
390
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2 3 4