전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EAEVALEDIP320B 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 EAEVALEDIP320B
상세설명  EVALUATION-BOARD for eDIP-series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP320B 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EAEVALEDIP320B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 9Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 10Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 11Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
EA9777-3
Page 8
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
PORT EXPANSION EA 9777-2PE (included in EA EVALxxx)
The optional adapter board EA 9777-2PE expands the Evaluation board with important interfaces:
“real“ RS232, RS232 CMOS, RS485, SPI and I²C.
The board consists of 5 individual adapter boards, which have to be carefully broken asunder the
perforation.
Each adapter board has two LEDs two indicate data transfer. In addition there is a DIP-Switch.
The adapters intermit the USB connection between Evaluation board and PC and configures the eDIP
for the desired interface. Please make sure to reset the display every time you change the interfaces.
To reuse the USB connection again, you have to removethe adapter board and reset the display.
PIN CONNECTORS OF THE BOARD IN CONNECTION WITH INTERFACE EXPANTION
The pin coennectors, you can see on the board EA 9777-3USB provide the repective interfaces.
Attention:
The following description of pin connectors are only operable if the optional
available adapter board EA9777-2PE is mounted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17