| 전자부품 데이터시트 검색엔진 |
|
EASER402-NLED 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EASER402-NLED 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 20 page ![]() THE SERIALS Page 6 ELECTRONIC ASSEMBLY reserves the right to change specifications without prior notice. Printing and typographical errors reserved. Character set: 1- to 4-line displays All character listed beside are built-in for the 1- to 4-line displays. Upper + Lower $20 (dez: 32) $0 (0) $1 (1) $2 (2) $3 (3) $4 (4) $5 (5) $6 (6) $7 (7) $8 (8) $9 (9) $A (10) $B (11) $C (12) $D (13) $E (14) $F (15) $30 (dez: 48) $40 (dez: 64) $50 (dez: 80) $60 (dez: 96) $70 (dez: 112) $80 (dez: 128) $90 (dez: 144) $A0 (dez: 160) $B0 (dez: 176) $C0 (dez: 192) $D0 (dez: 208) $E0 (dez: 224) $F0 (dez: 240) Character set: 8- and 16-line displays All 8- and 16-line displays EA SER308, SER408, SER3016 und SER4016 do provide the extended IBM character set (codes 32..255) incl. frame symbols. It is also possible to excange the character set totally (e.g. for cyrillic or special codes).This can be done together with the tools on EA DISK9708*). Character set: EA SER204-92HNLED The EA SER204-92HNLED do have a different character set. *) also in internet at http://www.lcd-module.de/deu/disk/disk9708.zip |