전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B340B 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 B340B
상세설명  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B340B 데이터시트(HTML) 2 Page - Diodes Incorporated

  B340B Datasheet HTML 1Page - Diodes Incorporated B340B Datasheet HTML 2Page - Diodes Incorporated B340B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS13005 Rev. 12 - 2
2 of 3
B320/A/B-B360/A/B
www.diodes.com
0.1
1.0
10
0.1
0.3
0.4
0.2
0.5
0.6
0.7
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics - B320/A/B thru B340/A/B
F
T= +25 C
A
°
T= +75 C
A
°
T = +125 C
A
°
T= -25 C
A
°
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.3 Typ. Forward Characteristics - B350/A/B thru B360/A/B
F
T = +125ºC
A
T = +25ºC
A
0
20
40
60
80
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 4 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 100°C
T
0
0.5
1.0
25
50
75
100
125
150
T , TERMINAL TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
T
°
1.5
2.0
2.5
3.0
100
10
1
0.1
0.01
1000
10,000
020
40
60
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig.6 Typical Reverse Characteristics, B320/A/B thru B340/A/B
R
10
30
50
T= +25 C
A
°
T = +125 C
A
°
T= -25 C
A
°
T= +75 C
A
°
10
100
1000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
Fig.5 Typical Capacitance
R
f=1MHz
T= 25°C
J



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com