전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EP5358LUI 데이터시트(PDF) 11 Page - Altera Corporation

부품명 EP5358LUI
상세설명  600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALTERA [Altera Corporation]
홈페이지  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5358LUI 데이터시트(HTML) 11 Page - Altera Corporation

Back Button EP5358LUI Datasheet HTML 7Page - Altera Corporation EP5358LUI Datasheet HTML 8Page - Altera Corporation EP5358LUI Datasheet HTML 9Page - Altera Corporation EP5358LUI Datasheet HTML 10Page - Altera Corporation EP5358LUI Datasheet HTML 11Page - Altera Corporation EP5358LUI Datasheet HTML 12Page - Altera Corporation EP5358LUI Datasheet HTML 13Page - Altera Corporation EP5358LUI Datasheet HTML 14Page - Altera Corporation EP5358LUI Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
EP5358LUI/EP5358HUI
Application Information
VIN
VSENSE
PVIN
VS1
VS2
VS0
10
µF
4.7
µF
VOUT
VOUT
AGND
ENABLE
PGND
AVIN
Figure 6: Application Circuit, EP5358HUI,.
VIN
VSENSE
PVIN
VS1
VS2
VS0
10
µF
4.7
µF
VOUT
VOUT
AGND
ENABLE
VFB
PGND
AVIN
Figure 7: Application Circuit, EP5358LUI, showing
the VFB function.
Output Voltage Programming
The EP5358xUI utilizes a 3-pin VID to program
the output voltage value. The VID is available
in two sets of output VID programming ranges.
The VID pins should be connected either to
AVIN or to AGND to avoid noise coupling into
the device.
The “Low” range is optimized for low voltage
applications. It comes with preset VID settings
ranging from 0.80V and 1.5V.
This VID set
also has an external divider option.
To specify this VID range, order part number
EP5358LUI.
The “High” VID set provides output voltage
settings ranging from 1.8V to 3.3V.
This
version does not have an external divider
option.
To specify this VID range, order part
number EP5358HUI.
Internally, the output of the VID multiplexer
sets the value for the voltage reference DAC,
which in turn is connected to the non-inverting
input of the error amplifier. This allows the use
of a single feedback divider with constant loop
gain and optimum compensation, independent
of the output voltage selected.
NOTE: The VID pins must not be left floating.
EP5358L Low VID Range Programming
The EP5358LUI is designed to provide a high
degree of flexibility in powering applications
that require low VOUT settings and dynamic
voltage scaling (DVS). The device employs a
3-pin VID architecture that allows the user to
choose one of seven (7) preset output voltage
settings, or the user can select an external
voltage divider option.
The VID pin settings
can be changed on the fly to implement glitch-
free voltage scaling.
Table 1: EP5358LUI VID Voltage Select Settings
Table 1 shows the VS2-VS0 pin logic states for
the EP5358LUI and the associated output
voltage
levels.
A
logic
“1”
indicates
a
connection to AVIN or to a “high” logic voltage
level.
A logic “0” indicates a connection to
AGND or to a “low” logic voltage level. These
pins can be either hardwired to AVIN or AGND
or alternatively can be driven by standard logic
levels. Logic levels are defined in the electrical
characteristics table.
Any level between the
logic high and logic low is indeterminate.
EP5358LUI External Voltage Divider
The external divider
option is
chosen by
connecting VID pins VS2-VS0 to VIN or a logic
“1” or “high”. The EP5358LUI uses a separate
feedback pin, VFB, when using the external
divider. VSENSE must be connected to VOUT as
indicated in figure 8.
VS2
VS1
VS0
VOUT
0
0
0
1.50
0
0
1
1.45
0
1
0
1.20
0
1
1
1.15
1
0
0
1.10
1
0
1
1.05
1
1
0
0.8
1
1
1
EXT
www.altera.com/enpirion Page 11
03541
October 11, 2013
Rev F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com