전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT475 데이터시트(PDF) 33 Page - List of Unclassifed Manufacturers

부품명 AT475
상세설명  Accessories Hardware
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

AT475 데이터시트(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AT475 Datasheet HTML 26Page - List of Unclassifed Manufacturers AT475 Datasheet HTML 27Page - List of Unclassifed Manufacturers AT475 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT475 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT475 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT475 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT475 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT475 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT475 Datasheet HTML 34Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Accessories & Hardware
www.nkk.com
Y34
Y
AT9201
Bezel
Polycarbonate
Colors: A B C D E F G H
Series: MLW
AT9704-02YC
Socket for LCD 36 x 24
Single & Bicolor Pushbutton
Base: Glass fiber reinforced PBT
Terminals: Brass/beryllium copper
Series: SmartSwitch
AT9704-065F
Socket for LCD 36 x 24
Compact Pushbutton
Base: Glass fiber reinforced PBT
Terminals: Brass/beryllium copper
Series: SmartSwitch
AT9704-085K
Socket for LCD 64 x 32 Pushbutton
Base: Glass fiber reinforced PBT
Terminals: Brass/beryllium copper
Series: SmartSwitch
AT9704-085M
Socket for OLED 52 x 36 Display
Base: Glass fiber reinforced PBT
Terminals: Brass/beryllium copper
Series: SmartSwitch
AT9000s
(16.0)
.630
(16.4)
.646
(26.3)
1.035
(23.8)
.937
(2.5)
.098
(31.3) Dia
1.232
(0.5)
.020
(3.0)
.118
(4.8)
.189
AT9410
Round Splash Cover
Lid: Polyvinyl chloride
Base: Polyethylene
O-ring: Nitrile butadiene rubber
Series: LB Panel Seal
AT9704-065E
Socket for LCD 36 x 24
RGB Pushbutton
Base: Glass fiber reinforced PBT
Terminals: Brass/beryllium copper
Series: SmartSwitch
AT9704-085L
Socket for OLED 64 x 48 Pushbutton
Base: Glass fiber reinforced PBT
Terminals: Brass/beryllium copper
Series: SmartSwitch
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
(6.7)
.264
(23.0)
.906
(20.5)
.807
(6.7)
.264
(23.0)
.906
(20.5)
.807
(7.0)
.276
(18.9)
.744
(17.9)
.705
(7.4)
.291
(22.9)
.902
(20.3)
.799
(7.0)
.276
(22.9)
.902
(20.3)
.799
(7.2)
.283
(19.9)
.783
(17.6)
.693
Note: By extracting some of the
pins, socket may be used for the
64 x 32 Compact Pushbutton



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34