전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBTA55 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 MMBTA55
상세설명  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBTA55 데이터시트(HTML) 1 Page - Diodes Incorporated

  MMBTA55 Datasheet HTML 1Page - Diodes Incorporated MMBTA55 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30054 Rev. 4 - 2
1 of 2
MMBTA55 / MMBTA56
www.diodes.com
MMBTA55 / MMBTA56
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary NPN Types Available
(MMBTA05 / MMBTA06)
·
Ideal for Medium Power Amplification and
Switching
Characteristic
Symbol
MMBTA55
MMBTA56
Unit
Collector-Base Voltage
VCBO
-60
-80
V
Collector-Emitter Voltage
VCEO
-60
-80
V
Emitter-Base Voltage
VEBO
-4.0
V
Collector Current - Continuous (Note 1)
IC
-500
mA
Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
417
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
E
J
L
TOP VIEW
M
B C
C
B
E
H
G
D
K
Mechanical Data
·
Case: SOT-23, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
MMBTA55 Marking (See Page 2): K2H
·
MMBTA56 Marking (See Page 2): K2G
·
Ordering & Date Code Information: See Page 2
·
Weight: 0.008 grams (approx.)
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Base Breakdown Voltage
MMBTA55
MMBTA56
V(BR)CBO
-60
-80
¾
V
IC = -100
mA, IE = 0
Collector-Emitter Breakdown Voltage
MMBTA55
MMBTA56
V(BR)CEO
-60
-80
¾
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-4.0
¾
V
IE = -100
mA, IC = 0
Collector Cutoff Current
MMBTA55
MMBTA56
ICBO
¾
-100
nA
VCB = -60V, IE = 0
VCB = -80V, IE = 0
Collector Cutoff Current
MMBTA55
MMBTA56
ICEX
¾
-100
nA
VCE = -60V, IBO = 0V
VCE = -80V, IBO = 0V
ON CHARACTERISTICS (Note 2)
DC Current Gain
hFE
100
¾¾
IC = -10mA, VCE = -1.0V
IC = -100mA, VCE = -1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
-0.25
V
IC = -100mA, IB = -10mA
Base- Emitter Saturation Voltage
VBE(SAT)
¾
-1.2
V
IC = -100mA, VCE = -1.0V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
50
¾
MHz
VCE = -1.0V, IC = -100mA,
f = 100MHz
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm
E
B
C
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.


유사한 부품 번호 - MMBTA55

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMBTA55 ONSEMI-MMBTA55 Datasheet
58Kb / 4P
Driver Transistors(PNP Silicon)
March, 2004 ??Rev. 3
logo
Transys Electronics
MMBTA55 TRSYS-MMBTA55 Datasheet
140Kb / 1P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBTA55 SAMSUNG-MMBTA55 Datasheet
27Kb / 1P
PNP (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA55 FAIRCHILD-MMBTA55 Datasheet
1Mb / 13P
PNP General Purpose Amplifier
logo
KEC(Korea Electronics)
MMBTA55 KEC-MMBTA55 Datasheet
114Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
More results

유사한 설명 - MMBTA55

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
BC856A DIODES-BC856A_2 Datasheet
119Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 19 - 2
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com