| 전자부품 데이터시트 검색엔진 |
|
VC080505C150 데이터시트(PDF) 3 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
VC080505C150 데이터시트(HTML) 3 Page - AVX Corporation |
|
3 / 10 page ![]() 3 TransGuard ® AVX Multilayer Ceramic Transient Voltage Suppressors ELECTRICAL CHARACTERISTICS AVX PN VW (DC) VW (AC) VB VC IVC IL ET IP Cap Freq Case VC060303A100 3.3 2.3 5.0±20% 12 1 100 0.1 30 1450 K 0603 VC080503A100 3.3 2.3 5.0±20% 12 1 100 0.1 40 1400 K 0805 VC080503C100 3.3 2.3 5.0±20% 12 1 100 0.3 120 5000 K 0805 VC120603A100 3.3 2.3 5.0±20% 12 1 100 0.1 40 1250 K 1206 VC120603D100 3.3 2.3 5.0±20% 12 1 100 0.4 150 4700 K 1206 VA100003A100 3.3 2.3 5.0±20% 12 1 100 0.1 40 1500 K 1000 VA100003D100 3.3 2.3 5.0±20% 12 1 100 0.4 150 4700 K 1000 VC040205X150 5.6 4.0 8.5±20% 18 1 35 0.05 20 175 M 0402 VC060305A150 5.6 4.0 8.5±20% 18 1 35 0.1 30 750 K 0603 VC080505A150 5.6 4.0 8.5±20% 18 1 35 0.1 40 1100 K 0805 VC080505C150 5.6 4.0 8.5±20% 18 1 35 0.3 120 3000 K 0805 VC120605A150 5.6 4.0 8.5±20% 18 1 35 0.1 40 1200 K 1206 VC120605D150 5.6 4.0 8.5±20% 18 1 35 0.4 150 3000 K 1206 VA100005A150 5.6 4.0 8.5±20% 18 1 35 0.1 40 1000 K 1000 VA100005D150 5.6 4.0 8.5±20% 18 1 35 0.4 150 2800 K 1000 VC040209X200 9.0 6.4 12.7±15% 22 1 25 0.05 20 175 M 0402 VC060309A200 9.0 6.4 12.7±15% 22 1 25 0.1 30 550 K 0603 VC080509A200 9.0 6.4 12.7±15% 22 1 25 0.1 40 750 K 0805 VC080512A250 12.0 8.5 16±15% 27 1 25 0.1 40 525 K 0805 VC040214X300 14.0 10.0 18.5±12% 32 1 15 0.05 20 100 M 0402 VC060314A300 14.0 10.0 18.5±12% 32 1 15 0.1 30 350 K 0603 VC080514A300 14.0 10.0 18.5±12% 32 1 15 0.1 40 325 K 0805 VC080514C300 14.0 10.0 18.5±12% 32 1 15 0.3 120 900 K 0805 VC120614A300 14.0 10.0 18.5±12% 32 1 15 0.1 40 600 K 1206 VC120614D300 14.0 10.0 18.5±12% 32 1 15 0.4 150 1050 K 1206 VA100014A300 14.0 10.0 18.5±12% 32 1 15 0.1 40 325 K 1000 VA100014D300 14.0 10.0 18.5±12% 32 1 15 0.4 150 1100 K 1000 VC13MA0160KBA 16.0 14.0 24.5±10% 40 2.5 25 1.6 400 1800 K 1210 VC121016J390 16.0 13.0 25.5±10% 40 2.5 10 1.6 500 3100 K 1210 VC181216P400 16.0 11.0 24.5±10% 42 5 10 2.9 1000 5000 K 1812 VC040218X400 18.0 13.0 25.5±10% 42 1 10 0.05 20 65 M 0402 VC060318A400 18.0 13.0 25.5±10% 42 1 10 0.1 30 150 K 0603 VC080518A400 18.0 13.0 25.5±10% 42 1 10 0.1 30 225 K 0805 VC080518C400 18.0 13.0 25.5±10% 42 1 10 0.3 100 550 K 0805 VC120618A400 18.0 13.0 25.5±10% 42 1 10 0.1 30 350 K 1206 VC120618D400 18.0 13.0 25.5±10% 42 1 10 0.4 150 900 K 1206 VC120618E380 18.0 13.0 22.0±10% 38 1 15 0.5 200 800 K 1206 VC121018J390 18.0 13.0 25.5±10% 42 5 10 1.6 500 3100 K 1210 VJ13MC0180KBA 18.0 13.0 24.0±10% 45 10 25 1.5 500 3000 K 1210 VA100018A400 18.0 13.0 25.5±10% 42 1 10 0.1 40 350 K 1000 VA100018D400 18.0 13.0 25.5±10% 42 1 10 0.4 150 900 K 1000 VC121022R440 22.0 17.0 27±10% 44 2.5 10 1.7 400 1600 K 1210 VC060326A580 26.0 18.0 34.5±10% 60 1 10 0.1 30 155 K 0603 VC080526A580 26.0 18.0 34.5±10% 60 1 10 0.1 30 120 K 0805 VC080526C580 26.0 18.0 34.5±10% 60 1 10 0.3 100 250 K 0805 |