전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES0504 데이터시트(PDF) 2 Page - Bruckewell Technology LTD

부품명 ES0504
상세설명  Low Capacitance TVS Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BWTECH [Bruckewell Technology LTD]
홈페이지  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ES0504 데이터시트(HTML) 2 Page - Bruckewell Technology LTD

  ES0504 Datasheet HTML 1Page - Bruckewell Technology LTD ES0504 Datasheet HTML 2Page - Bruckewell Technology LTD ES0504 Datasheet HTML 3Page - Bruckewell Technology LTD ES0504 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bruckewell Technology Corp., Ltd.
Absolute ratings (limiting value)
Parameter
Symbol
Value
Unit
Peak Pulse Power (tp = 8/20µs)
PPK
120
W
Peak Pulse Current (tp = 8/20µs)
IPP
6
A
Operating Temperature
TJ
-55 to +125
℃
Storage Temperature Range
Tstg
-55 to +150
℃
Electrical Characteristics
VBR
CJ
Min.
Typ.
Max.
IT
VRWM
IR
TYP
Part Numbers
V
V
V
mA
V
uA
PF
ES0504
6
6.6
7.2
1
5
3
0.6
ES0503
3.9
4.8
5.6
1
3.3
5
0.6
Note 1: I/O pins are pin 1, 3, 4, and 6



Html Pages

1 2 3 4