전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6564T 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 L6564T
상세설명  10-pin transition-mode PFC controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564T 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button L6564T Datasheet HTML 5Page - STMicroelectronics L6564T Datasheet HTML 6Page - STMicroelectronics L6564T Datasheet HTML 7Page - STMicroelectronics L6564T Datasheet HTML 8Page - STMicroelectronics L6564T Datasheet HTML 9Page - STMicroelectronics L6564T Datasheet HTML 10Page - STMicroelectronics L6564T Datasheet HTML 11Page - STMicroelectronics L6564T Datasheet HTML 12Page - STMicroelectronics L6564T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
L6564T
Electrical characteristics
Doc ID 022671 Rev 1
9/33
4
Electrical characteristics
TJ = -40 to 125 °C, VCC = 12 V, CO = 1 nF between pin GD and GND, CFF = 1 µF and
RFF = 1 MΩ between pin VFF and GND; unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
Supply voltage
Vcc
Operating range
After turn-on
10.3
22.5
V
VccOn
Turn-on threshold
(1)
11
12
13.2
V
VccOff
Turn-off threshold
(1)
8.7
9.5
10.5
V
Vccrestart Vcc for resuming from latch
OVP latched
567V
Hys
Hysteresis
2.3
2.7
V
VZ
Zener voltage
Icc = 20 mA
22.5
25
28
V
Supply current
Istart-up
Startup current
Before turn-on, Vcc=10 V
90
180
µA
Iq
Quiescent current
After turn-on, VMULT = 1 V
4
5.5
mA
ICC
Operating supply current
@ 70 kHz
5
6.0
mA
Iqdis
Idle state quiescent current
VPFC_OK> VPFC_OK_S AND VINV <
VFFD
180
320
µA
VPFC_OK<VPFC_OK_D
1.5
2.5
µA
Iq
Quiescent current
VPFC_OK>VPFC_OK_S OR
VCOMP<2.3V
2.2
3.2
µA
Multiplier input
IMULT
Input bias current
VMULT = 0 to 3 V
-0.2
-1
µA
VMULT
Linear operation range
0 to 3
V
VCLAMP
Internal clamp level
IMULT = 1 mA
9
9.5
V
∆Vcs
∆V
MULT
Output max. slope
VMULT = 0 to 0.4 V, VVFF = 1 V
VCOMP = upper clamp
1.33
1.66
V/V
KM
Gain (2)
VMULT = 1 V, VCOMP= 4 V
0.375 0.45 0.525
V
Error amplifier
VINV
Voltage feedback input threshold
TJ = 25 °C
2.475
2.5
2.525
V
10.3 V < Vcc < 22.5 V (3)
2.45
2.55
Line regulation
Vcc = 10.3 V to 22.5 V
2
5
mV
IINV
Input bias current
VINV = 0 to 4 V
-0.2
-1
µA
VINVCLAMP Internal clamp level
IINV = 1 mA
8
9
V
Gv
Voltage gain
Open loop
60
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com