| 전자부품 데이터시트 검색엔진 |
|
SA40CA 데이터시트(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
SA40CA 데이터시트(HTML) 2 Page - Diodes Incorporated |
|
2 / 3 page ![]() DS21501 Rev. 10 - 2 2 of 3 SA5V0A - SA170A Type Number (Suffix C = Bidirectional) (Note 1) Reverse Standoff Voltage Breakdown Voltage VBR @ It Test Current Max. Clamping Voltage @IPP Max. Peak Pulse Current Max. Reverse Leakage @VR (Note 2) Max. Voltage Temp. Variation of VBR VR (V) Min (V) Max (V) It (mA) VC (V) IPP (A) IR ( mA) mV/°C SA5V0(C)A 5.0 6.40 7.00 10 9.2 54.3 600 5.0 SA6V0(C)A 6.0 6.67 7.37 10 10.3 48.5 600 5.0 SA6V5(C)A 6.5 7.22 7.98 10 11.2 44.7 400 5.0 SA7V0(C)A 7.0 7.78 8.60 10 12.0 41.7 150 6.0 SA7V5(C)A 7.5 8.33 9.21 1.0 12.9 38.8 50 7.0 SA8V0(C)A 8.0 8.89 9.83 1.0 13.6 36.7 25 7.0 SA8V5(C)A 8.5 9.44 10.4 1.0 14.4 34.7 10 8.0 SA9V0(C)A 9.0 10.0 11.1 1.0 15.4 32.5 5.0 9.0 SA10(C)A 10 11.1 12.3 1.0 17.0 29.4 3.0 10 SA11(C)A 11 12.2 13.5 1.0 18.2 27.4 3.0 11 SA12(C)A 12 13.3 14.7 1.0 19.9 25.1 3.0 12 SA13(C)A 13 14.4 15.9 1.0 21.5 23.2 3.0 13 SA14(C)A 14 15.6 17.2 1.0 23.2 21.5 3.0 14 SA15(C)A 15 16.7 18.5 1.0 24.4 20.6 3.0 16 SA16(C)A 16 17.8 19.7 1.0 26.0 19.2 3.0 17 SA17(C)A 17 18.9 20.9 1.0 27.6 18.1 3.0 19 SA18(C)A 18 20.0 22.1 1.0 29.2 17.2 3.0 20 SA20(C)A 20 22.2 24.5 1.0 32.4 15.4 3.0 23 SA22(C)A 22 24.4 26.9 1.0 35.5 14.1 3.0 25 SA24(C)A 24 26.7 29.5 1.0 38.9 12.8 3.0 28 SA26(C)A 26 28.9 31.9 1.0 42.1 11.9 3.0 30 SA28(C)A 28 31.1 34.4 1.0 45.4 11.0 3.0 31 SA30(C)A 30 33.3 36.8 1.0 48.4 10.3 3.0 36 SA33(C)A 33 36.7 40.6 1.0 53.3 9.4 3.0 39 SA36(C)A 36 40.0 44.2 1.0 58.1 8.6 3.0 41 SA40(C)A 40 44.4 49.1 1.0 64.5 7.8 3.0 46 SA43(C)A 43 47.8 52.8 1.0 69.4 7.2 3.0 50 SA45(C)A 45 50.0 55.3 1.0 72.7 6.9 3.0 52 SA48(C)A 48 53.3 58.9 1.0 77.4 6.5 3.0 56 SA51(C)A 51 56.7 62.7 1.0 82.4 6.1 3.0 61 SA54(C)A 54 60.0 66.3 1.0 87.1 5.7 3.0 65 SA58(C)A 58 64.4 71.2 1.0 93.6 5.3 3.0 70 SA60(C)A 60 66.7 73.7 1.0 96.8 5.2 3.0 71 SA64(C)A 64 71.1 78.6 1.0 103.0 4.9 3.0 76 SA70(C)A 70 77.8 86.0 1.0 113.0 4.4 3.0 85 SA75(C)A 75 83.3 92.1 1.0 121.0 4.1 3.0 91 SA78(C)A 78 86.7 95.8 1.0 126.0 4.0 3.0 95 SA85(C)A 85 94.4 104.0 1.0 137.0 3.6 3.0 103 SA90(C)A 90 100 111.0 1.0 146.0 3.4 3.0 110 SA100(C)A 100 111 123.0 1.0 162.0 3.1 3.0 123 SA110(C)A 110 122 135.0 1.0 177.0 2.8 3.0 133 SA120(C)A 120 133 147.0 1.0 193.0 2.6 3.0 146 SA130(C)A 130 144 159.0 1.0 209.0 2.4 3.0 158 SA150(C)A 150 167 185.0 1.0 243.0 2.1 3.0 184 SA160(C)A 160 178 197.0 1.0 259.0 1.9 3.0 196 SA170(C)A 170 189 209.0 1.0 275.0 1.8 3.0 208 Notes: 1. Suffix “A” denotes unidirectional, suffix “CA” denotes bi-directional device. 2. For bi-directional devices having VR of 10 volts and under, the IR limit is doubled. |