| 전자부품 데이터시트 검색엔진 |
|
SA80C 데이터시트(PDF) 20 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SA80C 데이터시트(HTML) 20 Page - Socay Electornics Co., Ltd. |
|
20 / 56 page ![]() www.socay.com 20 Surface Mount Transient Voltage Suppressors (TVS) 1.5SMC Series 6.8 To 600 V 1500W Part Number Marking Breakdown Voltage VBR (V) @IT Uni Bi Uni Bi Reverse Stand-Off Voltage VRWM(V) MIN MAX Test Current IT (mA) Maximum Clamping Voltage VC @IPP (V) Maximum Peak Pulse Current IPP (A) Maximum Reverse Leakage IR @VRWM ( μA) 1.5SMC6.8A 1.5SMC6.8CA 6V8A 6V8C 5.8 6.46 7.14 10 10.5 142.86 1000 1.5SMC7.5A 1.5SMC7.5CA 7V5A 7V5C 6.4 7.13 7.88 10 11.3 132.74 500 1.5SMC8.2A 1.5SMC8.2CA 8V2A 8V2C 7.0 7.79 8.61 10 12.1 123.97 200 1.5SMC9.1A 1.5SMC9.1CA 9V1A 9V1C 7.8 8.65 9.56 1 13.4 111.94 50 1.5SMC10A 1.5SMC10CA 10A 10C 8.6 9.50 10.50 1 14.5 103.45 10 1.5SMC11A 1.5SMC11CA 11A 11C 9.4 10.45 11.55 1 15.6 96.15 5 1.5SMC12A 1.5SMC12CA 12A 12C 10.2 11.40 12.60 1 16.7 89.82 5 1.5SMC13A 1.5SMC13CA 13A 13C 11.1 12.35 13.65 1 18.2 82.42 5 1.5SMC15A 1.5SMC15CA 15A 15C 12.8 14.25 15.75 1 21.2 70.75 5 1.5SMC16A 1.5SMC16CA 16A 16C 13.6 15.20 16.80 1 22.5 66.67 5 1.5SMC18A 1.5SMC18CA 18A 18C 15.3 17.10 18.90 1 25.2 59.52 5 1.5SMC20A 1.5SMC20CA 20A 20C 17.1 19.00 21.00 1 27.7 54.15 5 1.5SMC22A 1.5SMC22CA 22A 22C 18.8 20.90 23.10 1 30.6 49.02 5 1.5SMC24A 1.5SMC24CA 24A 24C 20.5 22.80 25.20 1 33.2 45.18 5 1.5SMC27A 1.5SMC27CA 27A 27C 23.1 25.65 28.35 1 37.5 40.00 5 1.5SMC30A 1.5SMC30CA 30A 30C 25.6 28.50 31.50 1 41.4 36.23 5 1.5SMC33A 1.5SMC33CA 33A 33C 28.2 31.35 34.65 1 45.7 32.82 5 1.5SMC36A 1.5SMC36CA 36A 36C 30.8 34.20 37.80 1 49.9 30.06 5 1.5SMC39A 1.5SMC39CA 39A 39C 33.3 37.05 40.95 1 53.9 27.83 5 1.5SMC43A 1.5SMC43CA 43A 43C 36.8 40.85 45.15 1 59.3 25.30 5 1.5SMC47A 1.5SMC47CA 47A 47C 40.2 44.65 49.35 1 64.8 23.15 5 1.5SMC51A 1.5SMC51CA 51A 51C 43.6 48.45 53.55 1 70.1 21.40 5 1.5SMC56A 1.5SMC56CA 56A 56C 47.8 53.20 58.80 1 77.0 19.48 5 1.5SMC62A 1.5SMC62CA 62A 62C 53.0 58.90 65.10 1 85.0 17.65 5 1.5SMC68A 1.5SMC68CA 68A 68C 58.1 64.60 71.40 1 92.0 16.30 5 1.5SMC75A 1.5SMC75CA 75A 75C 64.1 71.25 78.75 1 103.0 14.56 5 1.5SMC82A 1.5SMC82CA 82A 82C 70.1 77.90 86.10 1 113.0 13.27 5 1.5SMC91A 1.5SMC91CA 91A 91C 77.8 86.45 95.55 1 125.0 12.00 5 1.5SMC100A 1.5SMC100CA 100A 100C 85.5 95.00 105.00 1 137.0 10.95 5 1.5SMC110A 1.5SMC110CA 110A 110C 94.0 104.50 115.50 1 152.0 9.87 5 1.5SMC120A 1.5SMC120CA 120A 120C 102.0 114.00 126.00 1 165.0 9.09 5 1.5SMC130A 1.5SMC130CA 130A 130C 111.0 123.50 136.50 1 179.0 8.38 5 1.5SMC150A 1.5SMC150CA 150A 150C 128.0 142.50 157.50 1 207.0 7.25 5 1.5SMC160A 1.5SMC160CA 160A 160C 136.0 152.00 168.00 1 219.0 6.85 5 1.5SMC170A 1.5SMC170CA 170A 170C 145.0 161.50 178.50 1 234.0 6.41 5 1.5SMC180A 1.5SMC180CA 180A 180C 154.0 171.00 189.00 1 246.0 6.10 5 1.5SMC200A 1.5SMC200CA 200A 200C 171.0 190.00 210.00 1 274.0 5.47 5 1.5SMC220A 1.5SMC220CA 220A 220C 185.0 209.00 231.00 1 328.0 4.57 5 1.5SMC250A 1.5SMC250CA 250A 250C 214.0 237.50 262.50 1 344.0 4.36 5 1.5SMC300A 1.5SMC300CA 300A 300C 256.0 285.00 315.00 1 414.0 3.62 5 1.5SMC350A 1.5SMC350CA 350A 350C 299.3 332.50 367.50 1 482.0 3.11 5 1.5SMC380A 1.5SMC380CA 380A 380C 324.9 361.00 399.00 1 524.4 2.86 5 1.5SMC400A 1.5SMC400CA 400A 400C 342.0 380.00 420.00 1 552.0 2.72 5 1.5SMC440A 1.5SMC440CA 440A 440C 376.2 418.00 462.00 1 607.2 2.47 5 1.5SMC500A 1.5SMC500CA 500A 500C 427.5 475.00 525.00 1 690.0 2.17 5 1.5SMC520A 1.5SMC520CA 520A 520C 444.6 494.00 546.00 1 717.6 2.09 5 1.5SMC550A 1.5SMC550CA 550A 550C 470.3 522.50 577.50 1 759.0 1.98 5 1.5SMC600A 1.5SMC600CA 600A 600C 513.0 570.00 630.00 1 828.0 1.81 5 Note: 1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device 2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices 3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double Electrical Characteristics (TA=25℃ unless otherwise noted) |