전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS402ST 데이터시트(PDF) 1 Page - Dynex Semiconductor

부품명 DS402ST
상세설명  Rectifier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DYNEX [Dynex Semiconductor]
홈페이지  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS402ST 데이터시트(HTML) 1 Page - Dynex Semiconductor

  DS402ST Datasheet HTML 1Page - Dynex Semiconductor DS402ST Datasheet HTML 2Page - Dynex Semiconductor DS402ST Datasheet HTML 3Page - Dynex Semiconductor DS402ST Datasheet HTML 4Page - Dynex Semiconductor DS402ST Datasheet HTML 5Page - Dynex Semiconductor DS402ST Datasheet HTML 6Page - Dynex Semiconductor DS402ST Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS402ST
1/7
APPLICATIONS
s Rectification
s Freewheel Diode
s DC Motor Control
s Power Supplies
s Welding
s Battery Chargers
FEATURES
s Double Side Cooling
s High Surge Capability
VOLTAGE RATINGS
KEY PARAMETERS
V
RRM
1400V
I
F(AV)
505A
I
FSM
5600A
1400
1300
1200
1100
1000
900
DS402ST14
DS402ST13
DS402ST12
DS402ST11
DS402ST10
DS402ST09
Conditions
V
RSM
= V
RRM
+ 100V
Lower voltage grades available.
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V
Outline type code: T.
See Package Details for further information.
CURRENT RATINGS
Symbol
Parameter
Conditions
Double Side Cooled
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Single Side Cooled (Anode side)
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Units
Max.
Half wave resistive load, T
case = 100
oC
505
A
T
case = 100
oC
793
A
T
case = 100
oC
640
A
Half wave resistive load, T
case = 100
oC
365
A
T
case = 100
oC
573
A
T
case = 100
oC
390
A
DS402ST
Rectifier Diode
Replaces March 1998 version, DS4183-2.3
DS4183-3.0 January 2000


유사한 부품 번호 - DS402ST

제조업체부품명데이터시트상세설명
logo
Insel Rectifier India P...
DS402ST IRI-DS402ST Datasheet
462Kb / 6P
STANDARD RECOVERY DIODE
DS402ST1212 IRI-DS402ST1212 Datasheet
462Kb / 6P
STANDARD RECOVERY DIODE
DS402ST1414 IRI-DS402ST1414 Datasheet
462Kb / 6P
STANDARD RECOVERY DIODE
DS402ST1616 IRI-DS402ST1616 Datasheet
462Kb / 6P
STANDARD RECOVERY DIODE
More results

유사한 설명 - DS402ST

제조업체부품명데이터시트상세설명
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com