| 전자부품 데이터시트 검색엔진 |
|
C4D30120D 데이터시트(PDF) 5 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4D30120D 데이터시트(HTML) 5 Page - Cree, Inc |
|
5 / 6 page ![]() 5 C4D30120D Rev. B Recommended Solder Pad Layout Package Dimensions Package TO-247-3 POS Inches Millimeters Min Max Min Max A .605 .635 15.367 16.130 B .800 .831 20.320 21.10 C .780 .800 19.810 20.320 D .095 .133 2.413 3.380 E .046 .052 1.168 1.321 F .060 .095 1.524 2.410 G .215 TYP 5.460 TYP H .175 .205 4.450 5.210 J .075 .085 1.910 2.160 K 6˚ 21˚ 6˚ 21˚ L 4˚ 6˚ 4˚ 6˚ M 2˚ 4˚ 2˚ 4˚ N 2˚ 4˚ 2˚ 4˚ P .090 .100 2.286 2.540 Q .020 .030 .508 .762 R 9˚ 11˚ 9˚ 11˚ S 9˚ 11˚ 9˚ 11˚ T 2˚ 8˚ 2˚ 8˚ U 2˚ 8˚ 2˚ 8˚ V .137 .144 3.487 3.658 W .210 .248 5.334 6.300 X .502 .557 12.751 14.150 Y .637 .695 16.180 17.653 Z .038 .052 0.964 1.321 AA .110 .140 2.794 3.556 BB .030 .046 0.766 1.168 CC .161 .176 4.100 4.472 W X Z AA BB CC TO-247-3 Part Number Package Marking C4D30120D TO-247-3 C4D30120 Note: Recommended soldering profiles can be found in the applications note here: http://www.cree.com/power_app_notes/soldering |