| 전자부품 데이터시트 검색엔진 |
|
MAS3690CL 데이터시트(PDF) 10 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
MAS3690CL 데이터시트(HTML) 10 Page - Dynex Semiconductor |
|
10 / 41 page ![]() MA3690/1/3 10/41 FULL BUS CONTROLLER To make use of the SOS chipset’s capabilities a processor- based system would be more applicable. A block diagram of such a system, using shared store technique is shown in Figure 3. In this, the instruction word store would be alterable by the processor for use in various system conditions, i.e. a basic message table would initialy be set up with the processor monitoring the results of execution from the report word store and / or the interrupt request (IRQN) line. On detection of an erroneous condition, the processor could write a new message table to test the RT in error by, for example, a self test mode command. The inclusion of automatic retry, with a maximum of 3 retries, in the instruction word, removes the requirement from the processor to retry under simple RT faults, e.g., status bit set. Figure 3: Full Bus Controller |