전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L4938NND 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 L4938NND
상세설명  DUAL MULTIFUNCTION VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938NND 데이터시트(HTML) 3 Page - STMicroelectronics

  L4938NND Datasheet HTML 1Page - STMicroelectronics L4938NND Datasheet HTML 2Page - STMicroelectronics L4938NND Datasheet HTML 3Page - STMicroelectronics L4938NND Datasheet HTML 4Page - STMicroelectronics L4938NND Datasheet HTML 5Page - STMicroelectronics L4938NND Datasheet HTML 6Page - STMicroelectronics L4938NND Datasheet HTML 7Page - STMicroelectronics L4938NND Datasheet HTML 8Page - STMicroelectronics L4938NND Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage
28
V
Transient Supply Voltage (T < 1s)
40
V
Tj, Tstg
Junction and Storage Temperature Range
–55 to 150
°C
ISI
Sense Input Current (VSI
≤0.3V or VSI > VS)
±1
mA
IEN
Enable Input Current (VEN
≤0.3V)
±1
mA
VEN
Enable Input Voltage
VS
VRES, VSO
Reset and Sense Output Voltage
20
V
IRES, ISO
Reset and Sense Output Current
5
mA
PD
Power Dissipation
875
mW
REG1
1.23V
REFERENCE
REG2
RESET
2.0V
1.23V
1.23V
SENSE
(optional)
VS1
VS2
EN
SI
SO
RES
CT
ADJ
VO2
VO1
GND
D94AT144A
CS
CT
CO2
CO1
RRES
RSO
2
µ
VO1
APPLICATION CIRCUIT
CS
≥ 1µF ; C01 ≥ 6µF ; C02 ≥ 10µF, ESR < 10Ω at 10KHz
Note : The circuit is ESD protected according to MIL–STD–883C.
L4938N - L4938ND - L4938NPD
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com