전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7806CV 데이터시트(PDF) 43 Page - STMicroelectronics

부품명 L7806CV
상세설명  Positive voltage regulator ICs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7806CV 데이터시트(HTML) 43 Page - STMicroelectronics

Back Button L7806CV Datasheet HTML 39Page - STMicroelectronics L7806CV Datasheet HTML 40Page - STMicroelectronics L7806CV Datasheet HTML 41Page - STMicroelectronics L7806CV Datasheet HTML 42Page - STMicroelectronics L7806CV Datasheet HTML 43Page - STMicroelectronics L7806CV Datasheet HTML 44Page - STMicroelectronics L7806CV Datasheet HTML 45Page - STMicroelectronics L7806CV Datasheet HTML 46Page - STMicroelectronics L7806CV Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
DocID2143 Rev 32
43/58
Positive voltage regulator ICs
Package mechanical data
58
Table 21. TO-220FP mechanical data
Dim.
mm.
Min.
Typ.
Max.
A4.40
4.60
B2.5
2.7
D
2.5
2.75
E0.45
0.70
F0.75
1
F1
1.15
1.50
F2
1.15
1.50
G
4.95
5.2
G1
2.4
2.7
H
10.0
10.40
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
DIA.
3
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58