| 전자부품 데이터시트 검색엔진 |
|
L1007C151MPWST 데이터시트(PDF) 26 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
L1007C151MPWST 데이터시트(HTML) 26 Page - Kemet Corporation |
|
26 / 32 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 26 Z-SMS Features: • Internal silver printed layer creates a closed circuit which acts as a magnetic shield to minimize heat generation and crosstalk • No need for grounding provides greater circuit design flexibility • Several material types and a broad range of impedance values provide noise countermeasures for various applications (10th digit in part number) “A” Suppresses the XL component. Helps stop the reduction of the wave-form integrity (digital wave-form overshoot, etc) “B” Increases the Z characteristics sharply above 20MHz and is applicable for radiated noise in the 100MHz-300MHz range. Especially effective on video signal lines. “C” Designed as a noise countermeasure for 200MHz-500MHz range where the rise of the Z component is in the high frequency area. “D” Intended for noise suppression around 200MHz. Effectively increase attenuation “E” The best material in the Z-SMS Series to suppress the XL component and stop the reduction of the wave-form integrity while maintaining attenuation in the high frequency area. “F” Reduced DC resistance version for noise countermeasures around LSI power supplies Z-PMS Features: • Low Rdc values reduce power dissipation and extend battery life • No need for grounding provides greater circuit design flexibility EIA Case Size Metric Dim. Code L Length (inches) W Width (inches) T Thickness Maximum (inches) E (inches) 0201 0603 0.6 ±0.03 (0. 2 ±0.001) 0. 30 ±0.03 (0.01 2 ±0.001) 0. 30 ±0.03 (0.01 2 ±0.001) 0. 15 ±0.05 (0.0 06 ±0.002) 0402 1005 1.00 ±0.05 (0.039 ±0.002) 0.50 ±0.05 (0.020 ±0.002) 0.50 ±0.05 (0.020 ±0.002) 0.25 ±0.10 (0.010 ±0.004) 0603 1608 1.6 ±0.15 (0.063 ±0.006) 0.8 ±0.15 (0.031 ±0.006) 0.8 ±0.15 (0.031 ±0.006) 0.3 ±0.2 (0.012 ±0.008) 0805 2125 2.0 +0.3/-.01 (0.079 +0.012/-0.004) 1.25 ±0.2 (0.049 ±0.008) 0.85 ±0.2 (0.033 ±0.008) 0.5 ±0.3 (0.020 ±0.012) Multilayer Ferrite Chip Beads - Z-SMS/Z-PMS Series Part Numbering Table Dimension Table in millimeters (inches) Z-SMS Applications: • High frequency noise countermeasure in personal computers, digital cameras and other information system products. For use on digital product clock lines and general signal lines. • Radiated noise suppression in computer or printer interfaces harness connectors. • Noise suppression in video and other AV products • Prevents interference between circuits in cellular phones (PHS, PDC, etc) • Due to the closed internal circuit which acts as a magnetic shield, the “F” material is extremely effective as a noise filter on LSI power supplies where downsizing of components is needed. Z-PMS Applications: • High frequency noise countermeasures on the DC power supply line in personal computers and other information system products • Noise suppression in USB and IEEE1294 interface • Prevents interference between circuits in mobile systems (PDC, PHS, PDA) Operating Temperature: • Z-SMS: -55ºC to +125ºC (includes self-generated heat) • Z-PMS: -55ºC to +85ºC (includes self-generated heat) E T W L Impedance Examples: 150 = 15ΩΩ; 101 = 100ΩΩ; 102 = 1000ΩΩ Material A,B,C,D,E,F - Contact KEMET for materials characteristics Ferrite Bead Z C 0402 121 B SMS T Case Size 0201 0603 0402 0805 Type SMS = Standard for signal lines PMS = For power supply lines Specification C = Commercial Packaging Code T = Tape & Reel |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |