| 전자부품 데이터시트 검색엔진 |
|
RFXF8553 데이터시트(PDF) 2 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RFXF8553 데이터시트(HTML) 2 Page - RF Micro Devices |
|
2 / 2 page ![]() 2 of 2 DS101011 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com. RFXF8553 170 172 174 176 178 180 182 184 186 188 190 0 250 500 750 1000 1250 1500 1750 2000 2250 2500 Deg Frequency (MHz) Phase Balance S31-S21 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 0 250 500 750 1000 1250 1500 1750 2000 2250 2500 dB Frequency (MHz) Amplitude Balance S31-S21 Pin Out Pin Name 1Secondary Dot 2Secondary CT 3Secondary 4Primary Dot 5Primary Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of Absolute Maximum Rating condi- tions to the device may reduce device reliability. Specified typical performance or functional operation of the device under Absolute Maximum Rating conditions is not implied. RoHS status based on EUDirective2002/95/EC (at time of this document revision). The information in this publication is believed to be accurate and reliable. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringe- ment of patents, or other rights of third parties, resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended application circuitry and specifications at any time without prior notice. Absolute Maximum Ratings Parameter Rating Unit RF Power 2 W Operating Temperature -40 to +85 °C Storage Temperature -55 to +100 °C S20 Package Drawing |