| 전자부품 데이터시트 검색엔진 |
|
SSPS7100N 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH |
|
|
|||||||||||||||||||||||||||||
SSPS7100N 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH |
|
2 / 4 page ![]() Elektronische Bauelemente SSPS7100N 6.2 A , 100 V, RDS(ON) 62 m N-Ch Enhancement Mode Power MOSFET 11-Dec-2013 Rev. B Page 2 of 4 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified) Parameter Symbol Min. Typ. Max. Unit Teat Conditions Static Gate-Threshold Voltage VGS(th) 1 - - V VDS=VGS, ID=250μA Gate-Body Leakage Current IGSS - - ±10 μA VDS=0, VGS= ±20V - - 1 VDS=80V, VGS=0 Zero Gate Voltage Drain Current IDSS - - 5 μA VDS=80V, VGS=0, TJ=55°C On-State Drain Current 1 ID(on) 3.1 - - A VDS=5V, VGS=10V - - 62 VGS=10V, ID=5A Drain-Source On-Resistance 1 RDS(ON) - - 72 mΩ VGS=4.5V, ID=4.9A Forward Transconductance 1 gfs - 10 - S VDS=15V, ID=5A Diode Forward Voltage VSD - 0.73 - V IS=2.5A, VGS=0 Dynamic 2 Total Gate Charge Qg - 12 - Gate-Source Charge Qgs - 4.1 - Gate-Drain Charge Qgd - 6.2 - nC VDS=50V, VGS=4.5V, ID=5A Input Capacitance Ciss - 1098 - Output Capacitance Coss - 120 - Reverse Transfer Capacitance Crss - 76 - pF VDS=15V, VGS=0 f=1MHz Turn-On Delay Time Td(on) - 7 - Rise Time Tr - 11 - Turn-Off Delay Time Td(off) - 54 - Fall Time Tf - 26 - nS VDD=50V ID=5A VGEN=10V RL=10Ω RGEN=6Ω Notes: 1. Pulse test:PW ≦ 300μs duty cycle ≦ 2%. 2. Guaranteed by design, not subject to production testing. |