| 전자부품 데이터시트 검색엔진 |
|
SSRF02N80SL 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH |
|
|
|||||||||||||||||||||||||||||
SSRF02N80SL 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH |
|
2 / 5 page ![]() Elektronische Bauelemente SSRF02N80SL 2A , 800V , RDS(ON) 6.1 N-Ch Enhancement Mode Power MOSFET 03-Dec-2013 Rev. A Page 2 of 5 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified) Parameter Symbol Min. Typ. Max. Unit Teat Conditions Static Drain-Source Breakdown Voltage BVDSS 800 - - V VGS=0, ID= 250µA Gate-Threshold Voltage VGS(th) 2 - 4 V VDS=VGS, ID=250µA Gate-Source Leakage Current IGSS - - ±100 nA VGS= ±30V, VDS=0 Drain-Source Leakage Current IDSS - - 1 µA VDS=800V, VGS=0 Static Drain-Source On-Resistance RDS(ON) - 4.4 6.1 VGS=10V, ID=1A Total Gate Charge 1.2 Qg - 9.65 - Gate-Source Charge 1.2 Qgs - 2.32 - Gate-Drain Change 1.2 Qgd - 4.57 - nC ID=2A VDS=640V VGS=10V Turn-on Delay Time 1.2 Td(on) - 12.64 - Rise Time 1.2 Tr - 22.92 - Turn-off Delay Time 1.2 Td(off) - 25.92 - Fall Time 1.2 Tf - 26.64 - nS VDD=400V ID=2A RG=25 Input Capacitance Ciss - 383 - Output Capacitance Coss - 39 - Reverse Transfer Capacitance Crss - 1.6 - pF VGS =0 VDS=25V f =1.0MHz Source-Drain Diode Diode Forward Voltage VSD - - 1.4 V IS=2A, VGS=0 Continuous Source Current IS - - 2 A Pulsed Source Current ISM - - 8 A Integral Reverse P-N Junction Diode in the MOSFET Reverse Recovery Time 1. Trr - 360.5 - ns Reverse Recovery Charge 1. Qrr - 1.17 - µC IS=2A,VGS=0, dlF/dt=100A/µS Notes: 1. Pulse Test: Pulse width ≦300µS, Duty cycle≦2% 2. Essentially independent of operating temperature. |