| 전자부품 데이터시트 검색엔진 |
|
ATS143 데이터시트(PDF) 4 Page - CTS Corporation |
|
|
|||||||||||||||||||||||||||||
ATS143 데이터시트(HTML) 4 Page - CTS Corporation |
|
4 / 6 page ![]() Document No. 008-0309-0 Page 4 - 6 Rev. K ATS/ATS-SM Series Low Cost Quartz Crystal ELECTRICAL CHARACTERISTICS PARAMETER VALUE Frequency Range 3.2 MHz to 64.0 MHz Operating Mode Fundamental or 3rd Overtone Crystal Cut AT-Cut Frequency Tolerance @ +25°C ± 30 ppm Standard * Frequency Stability Tolerance (Operating Temperature Range, Referenced to 25°C Reading) -20°C to +70°C * -40°C to +85°C Available, See Ordering Information Equivalent Series Resistance See ESR Table Load Capacitance or Resonance Mode See Standard Part Numbers tables * Shunt Capacitance (C0) 7.0 pF Maximum Drive Level 100 µW Typical, 1,000 µW Maximum Aging @ +25°C ±3 ppm/yr Typical, ±5 ppm/yr Maximum Insulation Resistance 500 Ohms @ DC 100V Storage Temperature Range -40°C to +85°C Reflow Condition, per JEDEC J-STD-020 +260°C Maximum, 10 Seconds Maximum * Custom requirements may be available upon request. ± 50 ppm Standard * Operating Temperature Range EQUIVALENT SERIES RESISTANCE TABLE FREQUENCY RANGE OSCILLATION MODE ESR MAXIMUM 3.20 MHz - < 4.00 MHz Fundamental 150 Ohms 4.00 MHz - < 5.00 MHz Fundamental 120 Ohms 5.00 MHz - < 8.00 MHz Fundamental 80 Ohms 8.00 MHz - < 12.00 MHz Fundamental 60 Ohms 12.00 MHz - < 20.00 MHz Fundamental 40 Ohms 20.00 MHz - < 30.00 MHz Fundamental 30 Ohms 27.00 MHz - 64.00 MHz 3rd Overtone 80 Ohms |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |