전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATS147B 데이터시트(PDF) 2 Page - CTS Corporation

부품명 ATS147B
상세설명  Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTS [CTS Corporation]
홈페이지  http://www.ctscorp.com
Logo CTS - CTS Corporation

ATS147B 데이터시트(HTML) 2 Page - CTS Corporation

  ATS147B Datasheet HTML 1Page - CTS Corporation ATS147B Datasheet HTML 2Page - CTS Corporation ATS147B Datasheet HTML 3Page - CTS Corporation ATS147B Datasheet HTML 4Page - CTS Corporation ATS147B Datasheet HTML 5Page - CTS Corporation ATS147B Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document No. 008-0309-0
Page 2 - 6
Rev. K
ATS/ATS-SM Series
Low Cost Quartz Crystal
3.579545
ATS036B
ATS036B-E
Series
Fundamental
12.352000 ATS126
ATS126-E
Series
Fundamental
3.579545
ATS036
ATS036-E
18 pF
Fundamental
12.352000 ATS127
ATS127-E
20 pF
Fundamental
3.686400
ATS037A
ATS037A-E
Series
Fundamental
13.500000 ATS135
ATS135-E
20 pF
Fundamental
3.686400
ATS037
ATS037-E
20 pF
Fundamental
14.318180 ATS143
ATS143-E
Series
Fundamental
3.686400
ATS037B
ATS037B-E
18 pF
Fundamental
14.318180 ATS14A
ATS14A-E
20 pF
Fundamental
4.000000
ATS04A
ATS04A-E
Series
Fundamental
14.318180 ATS143B
ATS143B-E
18 pF
Fundamental
4.000000
ATS040
ATS040-E
20 pF
Fundamental
14.745600 ATS147
ATS147-E
Series
Fundamental
4.000000
ATS040B
ATS040B-E
18 pF
Fundamental
14.745600 ATS147A
ATS147A-E
20 pF
Fundamental
4.096000
ATS042A
ATS042A-E
20 pF
Fundamental
14.745600 ATS147B
ATS147B-E
18 pF
Fundamental
4.096000
ATS042B
ATS042B-E
18 pF
Fundamental
15.000000 ATS150
ATS150-E
Series
Fundamental
4.194304
ATS041C
ATS041C-E
12 pF
Fundamental
15.360000 ATS15A
ATS15A-E
20 pF
Fundamental
4.915200
ATS049A
ATS049A-E
Series
Fundamental
16.000000 ATS160
ATS160-E
Series
Fundamental
4.915200
ATS042
ATS042-E
20 pF
Fundamental
16.000000 ATS16A
ATS16A-E
20 pF
Fundamental
4.915200
ATS049B
ATS049B-E
18 pF
Fundamental
16.000000 ATS16B
ATS16B-E
18 pF
Fundamental
5.000000
ATS050C
ATS050C-E
Series
Fundamental
16.384000 ATS164B
ATS164B-E
18 pF
Fundamental
5.000000
ATS050A
ATS050A-E
20 pF
Fundamental
16.934400 ATS169
ATS169-E
20 pF
Fundamental
5.000000
ATS050B
ATS050B-E
18 pF
Fundamental
18.000000 ATS180A
ATS180A-E
20 pF
Fundamental
5.068800
ATS051
ATS051-E
Series
Fundamental
18.432000 ATS184
ATS184-E
Series
Fundamental
5.068800
ATS050
ATS050-E
20 pF
Fundamental
18.432000 ATS18A
ATS18A-E
20 pF
Fundamental
6.000000
ATS060A
ATS060A-E
Series
Fundamental
18.432000 ATS184B
ATS184B-E
18 pF
Fundamental
6.000000
ATS060
ATS060-E
20 pF
Fundamental
19.660800 ATS196
ATS196-E
Series
Fundamental
6.000000
ATS060B
ATS060B-E
18 pF
Fundamental
19.660800 ATS19A
ATS19A-E
20 pF
Fundamental
6.000000
ATS060C
ATS060C-E
32 pF
Fundamental
19.660800 ATS196B
ATS196B-E
18 pF
Fundamental
6.144000
ATS061
ATS061-E
20 pF
Fundamental
20.000000 ATS200
ATS200-E
Series
Fundamental
6.144000
ATS061B
ATS061B-E
18 pF
Fundamental
20.000000 ATS20A
ATS20A-E
20 pF
Fundamental
6.144000
ATS061C
ATS061C-E
32 pF
Fundamental
20.000000 ATS200C
ATS200C-E
18 pF
Fundamental
7.372800
ATS073A
ATS073A-E
Series
Fundamental
20.000000 ATS20B
ATS20B-E
50 pF
Fundamental
7.372800
ATS073
ATS073-E
20 pF
Fundamental
20.480000 ATS204
ATS204-E
20 pF
Fundamental
7.372800
ATS073B
ATS073B-E
18 pF
Fundamental
22.118400 ATS22A
ATS22A-E
20 pF
Fundamental
7.500000
ATS075
ATS075-E
Series
Fundamental
22.118400 ATS221B
ATS221B-E
18 pF
Fundamental
7.500000
ATS075A
ATS075A-E
20 pF
Fundamental
24.000000 ATS240
ATS240-E
Series
Fundamental
7.500000
ATS075B
ATS075B-E
18 pF
Fundamental
24.000000 ATS24A
ATS24A-E
20 pF
Fundamental
8.000000
ATS080
ATS080-E
Series
Fundamental
24.000000 ATS240B
ATS240B-E
18 pF
Fundamental
8.000000
ATS08A
ATS08A-E
20 pF
Fundamental
24.000000 ATS240C
ATS240C-E
12 pF
Fundamental
8.000000
ATS080B
ATS080B-E
18 pF
Fundamental
24.576000 ATS245
ATS245-E
Series
Fundamental
8.000000
ATS080C
ATS080C-E
32 pF
Fundamental
24.576000 ATS24B
ATS24B-E
20 pF
Fundamental
8.192000
ATS081B
ATS081B-E
18 pF
Fundamental
24.576000 ATS245A
ATS245A-E
18 pF
Fundamental
9.830400
ATS099
ATS099-E
Series
Fundamental
25.000000 ATS250
ATS250-E
Series
Fundamental
9.830400
ATS098
ATS098-E
20 pF
Fundamental
25.000000 ATS25A
ATS25A-E
20 pF
Fundamental
9.830400
ATS098B
ATS098B-E
18 pF
Fundamental
25.000000 ATS250B
ATS250B-E
18 pF
Fundamental
10.000000 ATS100
ATS100-E
Series
Fundamental
27.000000 ATS270A
ATS270A-E
20 pF
Fundamental
10.000000 ATS10A
ATS10A-E
20 pF
Fundamental
27.000000 ATS270B
ATS270B-E
18 pF
Fundamental
10.000000 ATS100B
ATS100B-E
18 pF
Fundamental
32.000000 ATS320
ATS320-E
Series
3rd Overtone
11.059200 ATS111A
ATS111A-E
Series
Fundamental
32.000000 ATS32A
ATS32A-E
20 pF3rd Overtone
11.059200 ATS111
ATS111-E
20 pF
Fundamental
32.000000 ATS320B
ATS320B-E
18 pF3rd Overtone
11.059200 ATS111B
ATS111B-E
18 pF
Fundamental
40.000000 ATS400
ATS400-E
Series
3rd Overtone
11.059200 ATS111C
ATS111C-E
32 pF
Fundamental
40.000000 ATS40A
ATS40A-E
20 pF3rd Overtone
12.000000 ATS120
ATS120-E
Series
Fundamental
40.000000 ATS400B
ATS400B-E
18 pF3rd Overtone
12.000000 ATS12A
ATS12A-E
20 pF
Fundamental
48.000000 ATS480A
ATS480A-E
20 pF3rd Overtone
12.000000 ATS120B
ATS120B-E
18 pF
Fundamental
48.000000 ATS480B
ATS480B-E
18 pF3rd Overtone
12.000000 ATS120C
ATS120C-E
32 pF
Fundamental
60.000000 ATS600A
ATS600A-E
20 pF3rd Overtone
12.288000 ATS125
ATS125-E
Series
Fundamental
60.000000 ATS600B
ATS600B-E
18 pF
3rd Overtone
12.288000 ATS122
ATS122-E
20 pF
Fundamental
64.000000 ATS640A
ATS640A-E
20 pF3rd Overtone
12.288000 ATS122B
ATS122B-E
18 pF
Fundamental
64.000000 ATS640B
ATS640B-E
18 pF3rd Overtone
12.296000 ATS124
ATS124-E
Series
Fundamental
12.296000 ATS123
ATS123-E
20 pF
Fundamental
12.296000 ATS123B
ATS123B-E
18 pF
Fundamental
PART
NUMBER
-20/70°C
PART
NUMBER
-40/85°C
LOAD
CAPACITANCE
OPERATING
MODE
FREQUENCY
(MHz)
PART
NUMBER
-20/70°C
OPERATING
MODE
FREQUENCY
(MHz)
STANDARD PRODUCT PART NUMBERS - ATS
Part numbers in BOLD are common stock items through CTS authorized distributors. Non-bold part numbers may be stocked or are available for order.
PART
NUMBER
-40/85°C
LOAD
CAPACITANCE



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com