| 전자부품 데이터시트 검색엔진 |
|
EL2003C 데이터시트(PDF) 2 Page - Elantec Semiconductor |
|
|
|||||||||||||||||||||||||||||
EL2003C 데이터시트(HTML) 2 Page - Elantec Semiconductor |
|
2 / 17 page ![]() 2 EL2003C, EL2033C 100MHz Video Line Driver Absolute Maximum Ratings (T A = 25°C) VS Supply Voltage (V+ - V-) ±18V or 36V VIN Input Voltage ±15V or VS If the input exceeds the ratings shown (or the supplies) or if the input to output voltage exceeds ±7.5V then the input current must be limited to ±50 mA. See the application hints for more information. IIN Input Current (See note above) ±50mA PD Power Dissipation See Curves The maximum power dissipation depends on package type, ambient temperature and heat sinking. See the characteristic curves for more details. Output Short Circuit Duration Continuous A heat sink is required to keep the junction temperature below the absolute maximum when the output is short circuited. TA Operating Temperature Range EL2003C/EL2033C -40°C to +85°C TJ Operating Junction Temperature Metal Can 175°C Plastic 150°C TST Storage Temperature -65°C to +150°C Important Note: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA. Electrical Characteristics VS = ±15V, RS = 50Ω Parameter Description Test Conditions Limits Unit VIN Load Temp Min Typ Max VOS Output Offset Voltage 0 × 25°C -40 5 40 mV TMIN, TMAX -50 50 mV IIN Input Current 0 × 25°C, TMAX -25 -5 25 µA TMIN -50 50 µA RIN Input Resistance ±12V 100 Ω 25°C, TMAX 0.5 2 M Ω TMIN 0.05 M Ω AV1 Voltage Gain ±12V 1k Ω 25°C 0.98 0.99 V/V TMIN, TMAX 0.97 V/V AV2 Voltage Gain ±6V 50 Ω 25°C 0.83 0.90 V/V TMIN, TMAX 0.80 V/V AV3 Voltage Gain with VS = ±5V ±3V 50 Ω 25°C 0.82 0.89 V/V TMIN, TMAX 0.79 V/V V01 Output Voltage Swing ±14V 1k Ω 25°C ±13 ±13.5 V TMIN, TMAX ±12.5 V V02 Output Voltage Swing ±12V 100 Ω 25°C ±10.5 ±11.3 V TMIN, TMAX ±10 V ROUT Output Resistance ±2V 50 Ω 25°C 7 10 Ω TMIN, TMAX 12 Ω IOUT Output Current ±12V [1] 25°C ±105 ±230 mA TMIN, TMAX ±100 mA IS Supply Current 0 × 25°C, TMAX 10 15 mA TMIN 20 mA PSRR Supply Rejection [2] 0 × 25°C 60 80 dB TMIN, TMAX 50 dB |