전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC45208 데이터시트(PDF) 13 Page - Micrel Semiconductor

부품명 MIC45208
상세설명  26V 10A DC-to-DC Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC45208 데이터시트(HTML) 13 Page - Micrel Semiconductor

Back Button MIC45208 Datasheet HTML 9Page - Micrel Semiconductor MIC45208 Datasheet HTML 10Page - Micrel Semiconductor MIC45208 Datasheet HTML 11Page - Micrel Semiconductor MIC45208 Datasheet HTML 12Page - Micrel Semiconductor MIC45208 Datasheet HTML 13Page - Micrel Semiconductor MIC45208 Datasheet HTML 14Page - Micrel Semiconductor MIC45208 Datasheet HTML 15Page - Micrel Semiconductor MIC45208 Datasheet HTML 16Page - Micrel Semiconductor MIC45208 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Micrel, Inc.
MIC45208
May 29, 2014
13
Revision 1.2
Functional Description
The MIC45208 is an adaptive on-time synchronous buck
regulator module built for high-input voltage to low-output
voltage
conversion
applications.
The
MIC45208
is
designed to operate over a wide input voltage range,
from 4.5V to 26V, and the output is adjustable with an
external resistor divider. An adaptive on-time control
scheme is employed to obtain a constant switching
frequency in steady state and to simplify the control
compensation. Hiccup mode over-current protection is
implemented by sensing low-
side MOSFET’s R
DS(ON). The
device features internal soft-start, enable, UVLO, and
thermal shutdown. The module has integrated switching
FETs, inductor, bootstrap diode, resistor, capacitor, and
controller.
Theory of Operation
As shown in Figure 1, in association with Equation 1, the
output voltage is sensed by the MIC45208 feedback pin
FB via the voltage divider RFB1 and RFB2, and compared
to a 0.8V reference voltage, VREF, at the error comparator
through a low-gain transconductance (gM) amplifier. If the
feedback voltage decreases and falls below 0.8V, then
the error comparator will trigger the control logic and
generate an ON-time period. The ON-time period length
is predetermined by the “Fixed t
ON Estimator” circuitry:
Figure 1. Output Voltage Sense via FB Pin
SW
IN
O UT
)
ESTI M ATED
(
ON
f
V
V
t
Eq. 1
where VOUT is the output voltage, VIN is the power stage
input voltage, and fSW is the switching frequency.
At the end of the ON-time period, the internal high-side
driver turns off the high-side MOSFET and the low-side
driver turns on the low-side MOSFET. The OFF-time
period length depends upon the feedback voltage in most
cases. When the feedback voltage decreases and the
output of the gM amplifier falls below 0.8V, the ON-time
period is triggered and the OFF-time period ends. If the
OFF-time period determined by the feedback voltage is
less than the minimum OFF-time tOFF(MIN), which is about
200ns, the MIC45208 control logic will apply the tOFF(MIN)
instead. tOFF(MIN) is required to maintain enough energy in
the
boost
capacitor
(CBST) to drive the high-side
MOSFET.
The maximum duty cycle is obtained from the 200ns
tOFF(MIN):
S
S
)
M I N
(
O FF
S
M AX
t
ns
200
1
t
t
t
D
Eq. 2
Where:
tS = 1/fSW. It is not recommended to use MIC45208 with
an
OFF-time
close
to
tOFF(MIN) during steady-state
operation.
The adaptive ON-time control scheme results in a
constant switching frequency in the MIC45208 during
steady state operation. Also, the minimum tON results in a
lower switching frequency in high VIN to VOUT applications.
During load transients,
the switching frequency is
changed due to the varying OFF-time.
To illustrate the control loop operation, we will analyze
both the steady-state and load transient scenarios. For
easy analysis, the gain of the gM amplifier is assumed to
be 1. With this assumption, the inverting input of the error
comparator is the same as the feedback voltage.
Figure 2 shows the MIC45208 control loop timing during
steady-state operation. During steady-state, the gM
amplifier senses the feedback voltage ripple, which is
proportional to the output voltage ripple plus injected
voltage ripple, to trigger the ON-time period. The ON-time
is predetermined by the tON estimator. The termination of
the OFF-time is controlled by the feedback voltage. At the
valley of the feedback voltage ripple, which occurs when
VFB falls below VREF, the OFF period ends and the next
ON-time period is triggered through the control logic
circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com