전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC45205-2YMP 데이터시트(PDF) 21 Page - Micrel Semiconductor

부품명 MIC45205-2YMP
상세설명  26V/6A DC-to-DC Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC45205-2YMP 데이터시트(HTML) 21 Page - Micrel Semiconductor

Back Button MIC45205-2YMP Datasheet HTML 17Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 18Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 19Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 20Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 21Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 22Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 23Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 24Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Micrel, Inc.
MIC45205
Thermal Measurements and Safe Operating Area
(SOA)
Measuring the IC’s case temperature is recommended to
ensure it is within its operating limits. Although this might
seem like a very elementary task, it is easy to get
erroneous results. The most common mistake is to use
the standard thermal couple that comes with a thermal
meter. This thermal couple wire gauge is large, typically
22 gauge, and behaves like a heatsink, resulting in a
lower case measurement.
Two methods of temperature measurement are using a
smaller thermal couple wire or an infrared thermometer. If
a thermal couple wire is used, it must be constructed of
36-gauge wire or higher (smaller wire size) to minimize
the wire heat-sinking effect. In addition, the thermal
couple tip must be covered in either thermal grease or
thermal glue to make sure that the thermal couple
junction is making good contact with the case of the IC.
Omega
brand
thermal couple (5SC-TT-K-36-36)
is
adequate for most applications.
Wherever
possible,
an
infrared
thermometer
is
recommended. The measurement spot size of most
infrared thermometers is too large for an accurate
reading on a small form factor ICs. However, an IR
thermometer from Optris has a 1mm spot size, which
makes it a good choice for measuring the hottest point on
the case. An optional stand makes it easy to hold the
beam on the IC for long periods of time.
The safe operating area (SOA) of the MIC45205 is shown
in Figure 11, Figure 12, Figure 13, Figure 14, and Figure
15.
These
thermal
measurements
were
taken
on
MIC45205 evaluation board. Since the MIC45205 is an
entire system comprised of switching regulator controller,
MOSFETs and inductor, the part needs to be considered
as a system. The SOA curves will give guidance to
reasonable use of the MIC45205.
SOA curves should only be used as a point of reference.
SOA data was acquired using the MIC45205 evaluation
board. Thermal performance depends on the PCB layout,
board size, copper thickness, number of thermal vias,
and actual airflow.
April 15, 2014
21
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com