전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS9213-AX 데이터시트(PDF) 13 Page - California Eastern Labs

부품명 PS9213-AX
상세설명  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CEL [California Eastern Labs]
홈페이지  http://www.cel.com
Logo CEL - California Eastern Labs

PS9213-AX 데이터시트(HTML) 13 Page - California Eastern Labs

Back Button PS9213-AX Datasheet HTML 8Page - California Eastern Labs PS9213-AX Datasheet HTML 9Page - California Eastern Labs PS9213-AX Datasheet HTML 10Page - California Eastern Labs PS9213-AX Datasheet HTML 11Page - California Eastern Labs PS9213-AX Datasheet HTML 12Page - California Eastern Labs PS9213-AX Datasheet HTML 13Page - California Eastern Labs PS9213-AX Datasheet HTML 14Page - California Eastern Labs PS9213-AX Datasheet HTML 15Page - California Eastern Labs PS9213-AX Datasheet HTML 16Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PS9213
(4) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2. Cautions regarding noise
Be aware that when voltage is applied suddenly between the photocoupler’s input and output or between
collector-emitters at startup, the output transistor may enter the on state, even if the voltage is within the absolute
maximum ratings.
USAGE CAUTIONS
1. Protect against static electricity when handling.
2. Avoid storage at a high temperature and high humidity.
Data Sheet PN10535EJ04V0DS
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16