전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS9332L2-AX 데이터시트(PDF) 19 Page - California Eastern Labs

부품명 PS9332L2-AX
상세설명  2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CEL [California Eastern Labs]
홈페이지  http://www.cel.com
Logo CEL - California Eastern Labs

PS9332L2-AX 데이터시트(HTML) 19 Page - California Eastern Labs

Back Button PS9332L2-AX Datasheet HTML 12Page - California Eastern Labs PS9332L2-AX Datasheet HTML 13Page - California Eastern Labs PS9332L2-AX Datasheet HTML 14Page - California Eastern Labs PS9332L2-AX Datasheet HTML 15Page - California Eastern Labs PS9332L2-AX Datasheet HTML 16Page - California Eastern Labs PS9332L2-AX Datasheet HTML 17Page - California Eastern Labs PS9332L2-AX Datasheet HTML 18Page - California Eastern Labs PS9332L2-AX Datasheet HTML 19Page - California Eastern Labs PS9332L2-AX Datasheet HTML 20Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
All trademarks and registered trademarks are the property of their respective owners.
C - 1
Revision History
PS9332L, PS9332L2 Data Sheet
Description
Rev.
Date
Page
Summary
0.01
Nov 30, 2012
−
First edition issued
Throughout
“Preliminary Data Sheet” is changed to “Data Sheet.”
p.1
Addition of Safety standards
p.3
Addition of ORDERING INFORMATION
p.4
Modification of ABSOLUTE MAXIMUM RATINGS
p.5
Modification of ELECTRICAL / SWITCHING CHARACTERISTICS
p.6 to 7
Modification of TEST CIRCUIT
p.8 to 11
Addition of TYPICAL CHARACTERISTICS
1.00
Sep 06, 2013
p.17
Addition of SPECIFICATION OF VDE MARKS LICENSE DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com