전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6226PDTR 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 L6226PDTR
상세설명  DMOS dual full bridge driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226PDTR 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button L6226PDTR Datasheet HTML 23Page - STMicroelectronics L6226PDTR Datasheet HTML 24Page - STMicroelectronics L6226PDTR Datasheet HTML 25Page - STMicroelectronics L6226PDTR Datasheet HTML 26Page - STMicroelectronics L6226PDTR Datasheet HTML 27Page - STMicroelectronics L6226PDTR Datasheet HTML 28Page - STMicroelectronics L6226PDTR Datasheet HTML 29Page - STMicroelectronics L6226PDTR Datasheet HTML 30Page - STMicroelectronics L6226PDTR Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
L6226
Package mechanical data
Doc ID 9452 Rev 4
27/31
Figure 25.
Powerdip 24 mechanical data
Table 10.
Powerdip 24 mechanical data
Dim.
Databook (mm.)
Min
Typ.
Max
A
4.32
A1
0.38
A2
3.3
B
0.41
0.46
0.51
B1
1.4
1.52
1.65
c
0.2
0.25
0.3
D
31.62
31.75
31.88
E
7.62
8.26
e
2.54
E1
6.35
6.6
6.86
e1
7.62
L
3.18
3.43
M
0¢ª min, 15¢ª max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31