전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DDZ4V7CSF 데이터시트(PDF) 5 Page - Diodes Incorporated

부품명 DDZ4V7CSF
상세설명  0.5W SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ4V7CSF 데이터시트(HTML) 5 Page - Diodes Incorporated

  DDZ4V7CSF Datasheet HTML 1Page - Diodes Incorporated DDZ4V7CSF Datasheet HTML 2Page - Diodes Incorporated DDZ4V7CSF Datasheet HTML 3Page - Diodes Incorporated DDZ4V7CSF Datasheet HTML 4Page - Diodes Incorporated DDZ4V7CSF Datasheet HTML 5Page - Diodes Incorporated DDZ4V7CSF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DDZ2V4ASF – DDZ39DSF
Document number: DS31987 Rev. 17 - 2
5 of 6
www.diodes.com
March 2012
© Diodes Incorporated
DDZ2V4ASF – DDZ39DSF
Package Outline Dimensions
Suggested Pad Layout
SOD323F
Dim
Min
Max
Typ
A
0.60
0.75
−
b
0.25
0.35
−
c
0.05
0.26
−
D
1.15
1.35
1.25
E
1.60
1.80
1.70
He
2.30
2.70
2.50
L1
0.30
0.50
0.40
L2
0.41
0.61
0.51
α1
−
−
7°
α2
−
−
3°
β1
−
−
7°
β2
−
−
3°
All Dimensions in mm
Dimensions
Value (in mm)
X
0.710
X1
2.700
Y
0.403
He
E
D
b (2x)
c
L1
α2
α1
A
β2
β1
b (2x)
L2 (2x)
X1
Y (2x)
X (2x)



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com