전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACST210-8BTR 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 ACST210-8BTR
상세설명  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST210-8BTR 데이터시트(HTML) 1 Page - STMicroelectronics

  ACST210-8BTR Datasheet HTML 1Page - STMicroelectronics ACST210-8BTR Datasheet HTML 2Page - STMicroelectronics ACST210-8BTR Datasheet HTML 3Page - STMicroelectronics ACST210-8BTR Datasheet HTML 4Page - STMicroelectronics ACST210-8BTR Datasheet HTML 5Page - STMicroelectronics ACST210-8BTR Datasheet HTML 6Page - STMicroelectronics ACST210-8BTR Datasheet HTML 7Page - STMicroelectronics ACST210-8BTR Datasheet HTML 8Page - STMicroelectronics ACST210-8BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
May 2014
DocID13304 Rev 4
1/13
ACST2
Overvoltage protected AC switch
Datasheet
- production data
Features
 Triac with overvoltage crowbar technology
 High noise immunity: static dV/dt > 500 V/µs
 ACST210-8FP, in the TO-220FPAB package,
provides insulation voltage rated at 1500 V rms
Benefits
 Enables equipment to meet IEC 61000-4-5
 High off-state reliability with planar technology
 Needs no external overvoltage protection
 Reduces component count
 Interfaces directly with the micro-controller
 High immunity against fast transients
described in IEC 61000-4-4 standards
Applications
 AC on/off static switching in appliances and
industrial control systems
 Driving low power highly inductive loads like
solenoid, pump, fan, and micro-motor
Description
The ACST2 series belongs to the ACS™/ACST
power switch family. This high performance
device is suited to home appliances or industrial
systems and drives loads up to 2 A.
This ACST2 switch embeds a Triac structure with
a high voltage clamping device to absorb the
inductive turn-off energy and withstand line
transients such as those described in the
IEC 61000-4-5 standards. The component needs
a low gate current to be activated (IGT < 10 mA)
and still shows a high electrical noise immunity
complying with IEC standards such as
IEC 61000-4-4 (fast transient burst test).
Figure 1. Functional diagram
TM: ACS is a trademark of STMicroelectronics
DPAK
CO M
CO M
G
G
OU T
OU T
TO -220FPA B
Table 1. Device summary
Symbol
Value
Unit
IT(RMS)
2A
VDRM/VRRM
800
V
IGT
10
mA
G
COM
OUT
www.st.com


유사한 부품 번호 - ACST210-8BTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ACST210-8B STMICROELECTRONICS-ACST210-8B Datasheet
170Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
More results

유사한 설명 - ACST210-8BTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ACST6 STMICROELECTRONICS-ACST6_09 Datasheet
184Kb / 15P
Overvoltage protected AC switch
18-Dec-2009
ACST8 STMICROELECTRONICS-ACST8_09 Datasheet
172Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
ACST1010-7FP STMICROELECTRONICS-ACST1010-7FP Datasheet
168Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
153Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST1210-7G STMICROELECTRONICS-ACST1210-7G Datasheet
163Kb / 13P
Overvoltage protected AC switch
07-Dec-2010
ACST210-8FP STMICROELECTRONICS-ACST210-8FP Datasheet
170Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST410-8BTR STMICROELECTRONICS-ACST410-8BTR Datasheet
159Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
ACST4-7SB STMICROELECTRONICS-ACST4-7SB Datasheet
159Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
ACST1010-7T STMICROELECTRONICS-ACST1010-7T Datasheet
168Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST310-8FP STMICROELECTRONICS-ACST310-8FP Datasheet
310Kb / 14P
Overvoltage protected AC switch
10-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com