전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B82802A 데이터시트(PDF) 6 Page - EPCOS

부품명 B82802A
상세설명  SMT flyback transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B82802A 데이터시트(HTML) 6 Page - EPCOS

  B82802A Datasheet HTML 1Page - EPCOS B82802A Datasheet HTML 2Page - EPCOS B82802A Datasheet HTML 3Page - EPCOS B82802A Datasheet HTML 4Page - EPCOS B82802A Datasheet HTML 5Page - EPCOS B82802A Datasheet HTML 6Page - EPCOS B82802A Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SMT flyback transformers
EFD series
B82802A
EPCOS Ho PD
October 2012
Please read Cautions and warnings and
Page 6 of 7
Important notes at the end of this document.
Cautions and warnings
■ Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets.
– Particular attention should be paid to the derating curves given there.
– The soldering conditions should also be observed. Temperatures quoted in relation to wave
soldering refer to the pin, not the housing.
■ If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used,
or on glued joints. In particular, it is possible for washing varnish agent residues to have a
negative effect in the long-term on wire insulation
Washing processes may damage the product due to the possible static or cyclic mechanical
loads (e.g. ultrasonic cleaning). They may cause cracks to develop on the product and its parts,
which might lead to reduced reliability or lifetime.
■ The following points must be observed if the components are potted in customer applications:
– Many potting materials shrink as they harden. They therefore exert a pressure on the plastic
housing or core. This pressure can have a deleterious effect on electrical properties, and in
extreme cases can damage the core or plastic housing mechanically.
– It is necessary to check whether the potting material used attacks or destroys the wire
insulation, plastics or glue.
– The effect of the potting material can change the high-frequency behaviour of the components.
■ Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
■ Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer..



Html Pages

1 2 3 4 5 6 7